Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22934 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS22934
Description  Ultra-Small, Low-Input-Voltage, Low rON Load Switch With Hysteresis Control Input
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22934 Datasheet(HTML) 2 Page - Texas Instruments

  TPS22934 Datasheet HTML 1Page - Texas Instruments TPS22934 Datasheet HTML 2Page - Texas Instruments TPS22934 Datasheet HTML 3Page - Texas Instruments TPS22934 Datasheet HTML 4Page - Texas Instruments TPS22934 Datasheet HTML 5Page - Texas Instruments TPS22934 Datasheet HTML 6Page - Texas Instruments TPS22934 Datasheet HTML 7Page - Texas Instruments TPS22934 Datasheet HTML 8Page - Texas Instruments TPS22934 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS22934
SLVSAD4B – AUGUST 2010 – REVISED APRIL 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 13
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 13
2
Applications ........................................................... 1
8.3
Feature Description................................................. 13
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 14
4
Revision History..................................................... 2
9
Applications and Implementation ...................... 15
5
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 15
6
Specifications......................................................... 4
9.2
Typical Application .................................................. 16
6.1
Absolute Maximum Ratings ...................................... 4
10
Power Supply Recommendations ..................... 17
6.2
ESD Ratings.............................................................. 4
11
Layout................................................................... 17
6.3
Recommended Operating Conditions ....................... 4
11.1
Layout Guidelines ................................................. 17
6.4
Thermal Information .................................................. 4
11.2
Layout Example .................................................... 17
6.5
Electrical Characteristics........................................... 5
11.3
Thermal Considerations ........................................ 18
6.6
Switching Characteristics: VIN = 3.6 V ...................... 6
12
Device and Documentation Support ................. 19
6.7
Switching Characteristics: VIN = 2.5 V ...................... 6
12.1
Trademarks ........................................................... 19
6.8
Switching Characteristics: VIN = 1.8 V ...................... 6
12.2
Electrostatic Discharge Caution ............................ 19
6.9
Switching Characteristics: VIN = 1.5 V ...................... 6
12.3
Glossary ................................................................ 19
6.10
Typical Characteristics ............................................ 7
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information ................ 12
Information ........................................................... 19
8
Detailed Description ............................................ 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (June 2013) to Revision B
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Moved Operating free-air temperature row from Absolute Maximum Ratings to Recommended Operating Conditions ..... 4
•
Deleted Dissipation Ratings table and replaced it with Thermal Information table ............................................................... 4
Changes from Original (August 2010) to Revision A
Page
•
Updated package reference from YZP to YZV throughout document.................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS22934



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com