Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22934 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS22934
Description  Ultra-Small, Low-Input-Voltage, Low rON Load Switch With Hysteresis Control Input
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22934 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS22934 Datasheet HTML 12Page - Texas Instruments TPS22934 Datasheet HTML 13Page - Texas Instruments TPS22934 Datasheet HTML 14Page - Texas Instruments TPS22934 Datasheet HTML 15Page - Texas Instruments TPS22934 Datasheet HTML 16Page - Texas Instruments TPS22934 Datasheet HTML 17Page - Texas Instruments TPS22934 Datasheet HTML 18Page - Texas Instruments TPS22934 Datasheet HTML 19Page - Texas Instruments TPS22934 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
TPS22934
VIN
VOUT
ON
GND
CIN1
GND
VREG1=1.8V
CIN2
VREG2=2.8V
GND
GND
1.8V Supply
2.8V Supply
Processor/
Subsystem
Li-ion
Battery
TPS22934
SLVSAD4B – AUGUST 2010 – REVISED APRIL 2015
www.ti.com
9.2 Typical Application
Figure 30 demonstrates how the TPS22934 can be used for power-rail sequencing.
Figure 30. 1.8-V and 2.8-V Power-Rail Sequencing
9.2.1 Design Requirements
Table 4. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VREG1
1.8 V
VREG2
2.8 V
9.2.2 Detailed Design Procedure
9.2.2.1 Input Capacitor
To limit the voltage drop on the input supply caused by transient in-rush currents when the switch turns on into a
discharged load capacitor or short-circuit, a capacitor must be placed between VIN and GND. A 1-µF ceramic
capacitor, CIN, placed close to the pins is usually sufficient. Higher values of CIN can be used to further reduce
the voltage drop. A CIN to CL ratio of 10 to 1 is recommended.
9.2.2.2 Output Capacitor
Due to the integral body diode in the PMOS switch, TI highly recommends a CIN greater than CL. A CL greater
than CIN can cause VOUT to exceed VIN when the system supply is removed. This could result in current flow
through the body diode from VOUT to VIN.
16
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS22934



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com