Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22934 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS22934
Description  Ultra-Small, Low-Input-Voltage, Low rON Load Switch With Hysteresis Control Input
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22934 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22934 Datasheet HTML 9Page - Texas Instruments TPS22934 Datasheet HTML 10Page - Texas Instruments TPS22934 Datasheet HTML 11Page - Texas Instruments TPS22934 Datasheet HTML 12Page - Texas Instruments TPS22934 Datasheet HTML 13Page - Texas Instruments TPS22934 Datasheet HTML 14Page - Texas Instruments TPS22934 Datasheet HTML 15Page - Texas Instruments TPS22934 Datasheet HTML 16Page - Texas Instruments TPS22934 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
_
+
VIN
UVLO
Control
Logic
Ref
Output Discharge
GND
ON
VOUT
TPS22934
www.ti.com
SLVSAD4B – AUGUST 2010 – REVISED APRIL 2015
8 Detailed Description
8.1 Overview
The TPS22934 is a single-channel, 1-A load switch in a small, space-saving DSBGA-4 package. These devices
implement a P-channel MOSFET to provide a low ON-resistance for a low voltage drop across the device. A
controlled rise time is used in applications to limit the inrush current. The switch is controlled by an ON/OFF input
(ON), which has built-in hysteresis (VTH+(typ) = 2.35 V) allowing an easy use of TPS22934 in power-rail
sequencing applications.
8.2 Functional Block Diagram
8.3 Feature Description
Table 2. Feature List
SLEW RATE
QUICK
MAXIMUM
rON (TYP)
(TYP)
OUTPUT
OUTPUT
ENABLE
AT 3.6 V
AT 3.6 V
DISCHARGE
CURRENT
Hysteresis Input
TPS22934
63 m
Ω
26 µs
Yes
1 A
VTH+(typ) = 2.35 V
8.3.1 ON and OFF Control
The ON pin controls the state of the switch. The TPS22934 has built-in hysteresis on its control inputs. The load
switch is active when the ON voltage is greater than the positive going voltage threshold (VTH+). If the ON voltage
is lower than the negative going voltage threshold (VTH-), then the pass FET is deactivated and the active
pulldown from VOUT to GND is activated.
This scenario is ideal for power-rail sequencing applications as shown in Figure 30 where the 2.8-V supply must
be valid before the 1.8-V supply turnon.
8.3.2 Undervoltage Lockout
The undervoltage lockout turns off the switch if the input voltage drops below the undervoltage lockout threshold.
With the ON pin active, the input voltage rising above the undervoltage lockout threshold causes a controlled
turnon of the switch, which limits current overshoots.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS22934



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com