Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS40090 Datasheet (PDF) - Texas Instruments

TPS40090 Datasheet PDF - Texas Instruments
Part # TPS40090
Download  TPS40090 Download
File Size   511.55 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-FREQUENCY MULTIPHASE CONTROLLER

TPS40090 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40090 Datasheet PDF - Texas Instruments

Part # TPS40090
Download  TPS40090 Click to download

File Size   511.55 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-FREQUENCY MULTIPHASE CONTROLLER

TPS40090 Datasheet (HTML) - Texas Instruments


TPS40090 Product details

1FEATURES
2• Qualified for Automotive Applications
• Two-, Three-, or Four-Phase Operation
• 5-V to 15-V Operating Range
• Programmable Switching Frequency Up to
1-MHz/Phase
• Current Mode Control With Forced Current
Sharing (1)
• 1% Internal 0.7-V Reference
• Resistive Divider Set Output Voltage
• True Remote Sensing Differential Amplifier
• Resistive or DCR Current Sensing
• Current Sense Fault Protection
• Programmable Load Line
• Compatible with UCC37222 Predictive Gate
Drive™ Technology Drivers
• 24-Pin Space-Saving TSSOP Package
• Binary Outputs
(1) Patent pending

APPLICATIONS
• Internet Servers
• Network Equipment
• Telecommunications Equipment
• DC Power Distributed Systems

DESCRIPTION
The TPS40090 is a two-, three-, or four-phase programmable synchronous buck controller that is optimized for
low-voltage, high-current applications powered by a 5-V to 15-V distributed supply. A multi-phase converter offers
several advantages over a single power stage including lower current ripple on the input and output capacitors,
faster transient response to load steps, improved power handling capabilities, and higher system efficiency.
Each phase can be operated at a switching frequency up to 1-MHz, resulting in an effective ripple frequency of
up to 4-MHz at the input and the output in a four-phase application. A two-phase design operates 180° out of
phase, a three-phase design operates 120° out of phase, and a four-phase design operates 90° out of phase, as
shown in Figure 1.
The number of phases is programmed by connecting the deactivated phase PWM output to the output of the
internal 5-V LDO. In two-phase operation the even phase outputs should be deactivated.
The TPS40090 uses fixed frequency, peak current mode control with forced phase current balancing. When
compared to voltage mode control, current mode results in a simplified feedback network and reduced input line
sensitivity. Phase current is sensed by using either current sense resistors installed in series with output
inductors or, for improved efficiency, by using the DCR (direct current resistance) of the filter inductors. The latter
method involves generation of a current proportional signal with an R-C circuit (shown in Figure 11).
The R-C values are selected by matching the time constants of the R-C circuit and the inductor; R-C = L/DCR.
With either current sense method, the current signal is amplified and superimposed on the amplified voltage error
signal to provide current mode PWM control.




Similar Part No. - TPS40090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
852Kb / 27P
HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI2-TPS40090 Datasheet
896Kb / 34P
HIGH-FREQUENCY, MULTIPHASE CONTROLLER
REVISED MAY 2006
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1 Datasheet
852Kb / 27P
HIGH-FREQUENCY MULTIPHASE CONTROLLER
More results


Similar Description - TPS40090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
HIGH FREQUENCY MULTIPHASE CONTROLLER
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
Digital Multiphase Controller
December 4, 2008
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Texas Instruments
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
HIGH-FREQUENCY MULTIPHASE CONTROLLER
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
High-Voltage Multiphase Boost Controller
Rev 2; 11/19
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
High-Voltage Multiphase Boost Controller
Rev 0; 6/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com