Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5130 Datasheet (PDF) - Texas Instruments

TPS5130 Datasheet PDF - Texas Instruments
Part # TPS5130
Download  TPS5130 Download
File Size   465.0 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER

TPS5130 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS5130 Datasheet PDF - Texas Instruments

Part # TPS5130
Download  TPS5130 Click to download

File Size   465.0 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER

TPS5130 Datasheet (HTML) - Texas Instruments


TPS5130 Product details

FEATURES
Three Independent Step-Down DC/DC
Controllers and One LDO Controller
Input Voltage Range
− Switcher: 4.5 V ~ 28 V
− LDO: 1.1 V ~ 3.6 V
Output Voltage Range
− Switcher: 0.9 V ~ 5.5 V
− LDO: 0.9 V ~ 2.5 V
Synchronous for High Efficiency
Precision Vref (±1.5%)
PWM Mode Control : Max. 500 kHz Operation
Auto PWM/SKIP Mode Available
High Speed Error Amplifier
Over Current Protection With Temperature
Compensation Circuit for Each Channel
Overvoltage and Undervoltage Protection
Programmable Short-Circuit Protection
Powergood With Programmable Delay Time
5-V and 3.3-V Linear Regulators

APPLICATIONS
Notebook PCs, PDAs
Consumer Game Systems
DSP Application

DESCRIPTION
The TPS5130 is composed of three independent
synchronous buck regulator controllers (SBRC) and
one low drop-out (LDO) regulator controller. On-chip
high-side and low-side synchronous rectifier drivers are
integrated to drive less expensive N-channel
MOSFETs. The LDO controller can also drive an
external N-channel MOSFET. Since the input current
ripple is minimized by operating 180 degree out of
phase, it allows a smaller input capacitance resulting in
reduced power supply cost. The SBRC of the TPS5130
automatically adjusts from PWM mode to SKIP mode
to maintain high efficiency under light load conditions.
Resistor-less current protection for the synchronous
buck controller and the fixed high-side driver voltage
simplifies the system design and reduces the external
parts count. The LDO controller has a current limit
protection and overshoot protection to suppress output
voltage hump at load transient. To further extend
battery life, the TPS5130 features dead-time control
and very low quiescent current.




Similar Part No. - TPS5130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130 TI2-TPS5130 Datasheet
761Kb / 36P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
MARCH 2009
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI2-TPS5130-Q1 Datasheet
761Kb / 36P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
MARCH 2009
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
More results


Similar Description - TPS5130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Texas Instruments
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
Single Synchronous Buck with LDO Controller
logo
Texas Instruments
TPS5130PTR TI1-TPS5130PTR Datasheet
532Kb / 31P
TRIPLE SYNCHRONOUS BUCK CONTROLLER
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com