Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5130 Datasheet (PDF) - Texas Instruments

TPS5130 Datasheet PDF - Texas Instruments
Part # TPS5130
Download  TPS5130 Download
File Size   761.05 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER

TPS5130 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS5130 Datasheet PDF - Texas Instruments

Part # TPS5130
Download  TPS5130 Click to download

File Size   761.05 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER

TPS5130 Datasheet (HTML) - Texas Instruments


TPS5130 Product details

1FEATURES
· Qualified for Automotive Applications
· Three Independent Step-Down DC/DC
Controllers and One LDO Controller
· Input Voltage Range
– Switcher: 4.5 V to 28 V
– LDO: 1.1 V to 3.6 V
· Output Voltage Range
– Switcher: 0.9 V to 8.5 V
– LDO: 0.9 V to 2.5 V
· Synchronous for High Efficiency
· Precision Vref (±1.5%)
· PWM Mode Control : 500-kHz Operation (Max)
· Auto PWM/SKIP Mode Available
· High-Speed Error Amplifier
· Overcurrent Protection With Temperature
Compensation Circuit for Each Channel
· Overvoltage and Undervoltage Protection
· Programmable Short-Circuit Protection
· Power Good Output (PGOUT) With
Programmable Delay Time
· 5-V and 3.3-V Linear Regulators

APPLICATIONS
· Notebook PCs, PDAs
· Consumer Game Systems
· DSP Applications

DESCRIPTION
The TPS5130 is composed of three independent synchronous buck regulator controllers (SBRC) and one low
dropout (LDO) regulator controller. On-chip high-side and low-side synchronous rectifier drivers are integrated to
drive less expensive N-channel MOSFETs. The LDO controller can also drive an external N-channel MOSFET.
Because the input current ripple is minimized by operating 180° out of phase, it allows a smaller input
capacitance, resulting in reduced power supply cost. The SBRC of the TPS5130 automatically adjusts from PWM
mode to SKIP mode to maintain high efficiency under light-load conditions. Resistorless current protection for the
synchronous buck controller and the fixed high-side driver voltage simplifies the system design and reduces the
external parts count. The LDO controller has a current-limit protection and overshoot protection to suppress
output voltage spikes at load transient. To further extend battery life, the TPS5130 features dead-time control
and very low quiescent current.




Similar Part No. - TPS5130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130 TI2-TPS5130 Datasheet
465Kb / 33P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
MAY 2002
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI2-TPS5130-Q1 Datasheet
465Kb / 33P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
MAY 2002
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
More results


Similar Description - TPS5130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Texas Instruments
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
Single Synchronous Buck with LDO Controller
logo
Texas Instruments
TPS5130PTR TI1-TPS5130PTR Datasheet
532Kb / 31P
TRIPLE SYNCHRONOUS BUCK CONTROLLER
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com