Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS6734ID Datasheet (PDF) - Texas Instruments

TPS6734ID Datasheet PDF - Texas Instruments
Part # TPS6734ID
Download  TPS6734ID Download
File Size   404.32 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY

TPS6734ID Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS6734ID Datasheet PDF - Texas Instruments

Part # TPS6734ID
Download  TPS6734ID Click to download

File Size   404.32 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY

TPS6734ID Datasheet (HTML) - Texas Instruments


TPS6734ID Product details

Pin-for-Pin Compatible With MAX734
Programming Voltage for Flash Memory
2.7-V to 11-V Input Operating Range
Output Current of 120 mA or Greater From
3.75-V or Higher Input
3-mA Maximum Supply Current in
Shutdown
Only 5 External Components Required
High Efficiency . . . 85% Typical (5-V Input,
120-mA Output)
8-Pin SOIC and DIP Packages
–40°C to 85°C Free-Air Operating
Temperature Range

description
The TPS6734 is a fixed 12-V output boost converter capable of delivering 120 mA from inputs as low as
3.75 V. The device is pin-for-pin compatible with the MAX734 regulator and offers the following advantages:
lower supply current, wider operating input-voltage range, and higher output currents. As shown in Figure 1,
the only external components required are: an inductor, a Schottky rectifier, an output filter capacitor, an input
filter capacitor, and a small capacitor for loop compensation. The entire converter occupies less than 0.7 in2 of
PCB space when implemented with surface-mount components. An enable input is provided to shut down the
converter and reduce the supply current to 3 mA when 12 V is not needed.
The TPS6734 is a 170-kHz current-mode PWM ( pulse-width modulation) controller with an n-channel MOSFET
power switch. Gate drive for the switch is derived from the 12-V output after start-up to minimize the die area
needed to realize the 0.7-W MOSFET and improve efficiency at input voltages below 5 V. Soft start is
accomplished with the addition of one small capacitor. A 1.22-V reference (pin 2) is brought out for external use.
High efficiency at low supply voltages and low supply current in shutdown make the TPS6734 particularly
attractive for flash memory programming supplies, PCMCIA cards, and operational amplifiers in
battery-powered equipment. The TPS6734 is available in 8-pin DIP and SOIC packages and operates over a
free-air temperature range of –40°C to 85°C.




Similar Part No. - TPS6734ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6734ID TI-TPS6734ID Datasheet
285Kb / 19P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6734ID TI-TPS6734ID Datasheet
453Kb / 22P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6734IDG4 TI-TPS6734IDG4 Datasheet
453Kb / 22P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6734IDR TI-TPS6734IDR Datasheet
453Kb / 22P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6734IDRG4 TI-TPS6734IDRG4 Datasheet
453Kb / 22P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
More results


Similar Description - TPS6734ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6734I TI-TPS6734I Datasheet
285Kb / 19P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6735 TI-TPS6735 Datasheet
306Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
High Frequency 600-mA Synchronous Buck/Boost Converter
19-Apr-04
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
logo
Texas Instruments
SLVS141A TI1-SLVS141A Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6734IDR TI-TPS6734IDR Datasheet
453Kb / 22P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
logo
Analog Devices
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
logo
STMicroelectronics
AN4116 STMICROELECTRONICS-AN4116 Datasheet
3Mb / 38P
This document describes a 12 V-350 mA power supply
23-Jan-2013
logo
Texas Instruments
TPS6735 TI1-TPS6735_08 Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com