Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS6735ID Datasheet (PDF) - Texas Instruments

TPS6735ID Datasheet PDF - Texas Instruments
Part # TPS6735ID
Download  TPS6735ID Download
File Size   475.59 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER

TPS6735ID Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS6735ID Datasheet PDF - Texas Instruments

Part # TPS6735ID
Download  TPS6735ID Click to download

File Size   475.59 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER

TPS6735ID Datasheet (HTML) - Texas Instruments


TPS6735ID Product details

Negative 5-V 200-mA Output (VCC ≥ 4.5 V)
4-V to 6.2-V Input Operating Range
78% Typical Efficiency
160-kHz Fixed-Frequency Current-Mode
PWM Controller
EN Input Inhibits Operation and Reduces
Supply Current to 1 μA
Soft Start
8-Pin SOIC and DIP Packages
−40°C to 85°C Free-Air Temperature Range
Pin-for-Pin Compatible with MAX735

description
The TPS6735 is a fixed negative 5-V output inverting dc/dc converter capable of delivering 200 mA from inputs
as low as 4.5 V. The only external components required are an inductor, an output filter capacitor, an input filter
capacitor, a reference filter capacitor, and a Schottky rectifier. An enable input is provided to shut down the
inverter when a −5-V output is not needed. The typical supply current is 1.9 mA at no-load and is further reduced
to 1-μA when the enable input is low.
The TPS6735 is a 160-kHz current-mode pulse-width-modulation (PWM) controller with a p-channel MOSFET
power switch. The gate drive uses the −5-V output to reduce the die area needed to realize the 0.4-Ω MOSFET.
Soft start is accomplished with the addition of one small capacitor at SS. A 1.22-V reference is available for
external loads up to 125 μA.
The TPS6735 is attractive for board-level dc/dc conversion in computer peripherals and in battery-powered
equipment requiring high efficiency and low supply current.
The TPS6735 is available in 8-pin DIP and SOIC packages and operates over a free-air temperature range of
−40°C to 85°C.




Similar Part No. - TPS6735ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6735ID TI1-TPS6735ID Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735IDG4 TI1-TPS6735IDG4 Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735IDR TI1-TPS6735IDR Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735IDRG4 TI1-TPS6735IDRG4 Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
More results


Similar Description - TPS6735ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS6735 TI-TPS6735 Datasheet
306Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
MICROPOWER INVERTING DC-DC CONVERTER
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
1.0MHz Inverting DC/DC Converter
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
Micropower Inverting DC/DC Converter
logo
Texas Instruments
SLVS141A TI1-SLVS141A Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
Analog Devices
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
logo
Texas Instruments
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS6735 TI1-TPS6735_08 Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com