Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB681 Datasheet (PDF) - Monolithic Power Systems

NB681 Datasheet PDF - Monolithic Power Systems
Part # NB681
Download  NB681 Download
File Size   826.81 Kbytes
Page   23 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 28V, 6A, Low Iq, High Current Synchronous Buck Converter with 2-Bit VID

NB681 Datasheet (PDF)

Go To PDF Page Download Datasheet
NB681 Datasheet PDF - Monolithic Power Systems

Part # NB681
Download  NB681 Click to download

File Size   826.81 Kbytes
Page   23 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 28V, 6A, Low Iq, High Current Synchronous Buck Converter with 2-Bit VID

NB681 Datasheet (HTML) - Monolithic Power Systems


NB681 Product details

DESCRIPTION
The NB681 is a fully integrated, high-frequency,
synchronous, rectified, step-down, switch-mode
converter with 2-bit VID, especially designed for
IMVP8 applications—VCCIO, PRIMCORE,
V1.0A, EDRAM, and EOPIO. It offers a very
compact solution to achieve a 6A continuous
output current and a 7.5A peak output current
over a wide input supply range.
The NB681 operates at high efficiency over a
wide output current load range based on MPS
proprietary switching loss reduction technology
and internal low Ron power MOSFETs.
Adaptive constant-on-time (COT) control mode
provides fast transient response and eases loop
stabilization. The DC auto-tune loop provides
good load and line regulation.
To avoid audible noise, NB681 provides lowpower mode for power loss saving during the
low-power state and ultrasonic mode.
Full protection features include OC limit, OVP,
UVP, and thermal shutdown.
The converter requires a minimal number of
external components, and it is available in a QFN
2mm x 3 mm package.

FEATURES
 Wide 4.5V to 28V Operating Input Range
 VCCIO/PRIMCORE/EDRAM/EOPIO/V1.0A
Compatible for IMVP8
 Output Adjustable by 2-Bit VID
 Low-Power Mode
 25µA Low Quiescent Current
 6A Continous Output Current
 7.5A Peak Output Current
 Selectable Ultrasonic Mode
 Adaptive COT for Fast Transient
 DC Auto-Tune Loop
 Stable with POSCAP and Ceramic
Capacitors
 1% Reference Voltage
 Internal Soft Start
 Output Discharge
 OCL, OVP, UVP, and Thermal Shutdown,
 Latch-Off Reset via EN or Power Cycle
 QFN 2mm x 3mm Package

APPLICATIONS
 Laptop Computers
 Tablet PCs
 Networking Systems
 Servers
 Personal Video Recorders
 Flat Panel Televisions and Monitors
 Distributed Power Systems




Similar Part No. - NB681

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
NB6 GLENAIR-NB6 Datasheet
58Kb / 1P
Military Standard Connector Index
logo
Monolithic Power System...
NB621 MPS-NB621 Datasheet
1,000Kb / 14P
8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
NB621EV MPS-NB621EV Datasheet
1,000Kb / 14P
8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
NB633 MPS-NB633 Datasheet
614Kb / 13P
High Efficiency 3A, 24V, 500kHz Synchronous Step-down Converter
Rev. 0.9
NB633EL MPS-NB633EL Datasheet
614Kb / 13P
High Efficiency 3A, 24V, 500kHz Synchronous Step-down Converter
Rev. 0.9
More results


Similar Description - NB681

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB650H MPS-NB650H Datasheet
681Kb / 20P
High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
logo
Global Mixed-mode Techn...
G5313 GMT-G5313 Datasheet
57Kb / 1P
High Efficiency 6A Synchronous Buck Converter
logo
E-CMOS Corporation
EC3284S E-CMOS-EC3284S Datasheet
1,005Kb / 9P
3A 28V Synchronous Buck Converter
logo
Monolithic Power System...
MP8756 MPS-MP8756 Datasheet
917Kb / 22P
26V, 6A, Low IQ, High-Current, Synchronous, Step-Down Converter
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
26V, 8A High Current, Low IQ Synchronous Buck Converter
EVNB679 MPS-EVNB679 Datasheet
249Kb / 5P
26V, Low Iq, High Current, Fixed 5.5V-8A Synchronous Buck Converter with 100mA LDO
logo
Renesas Technology Corp
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
ON Semiconductor
NCP5269B ONSEMI-NCP5269B Datasheet
253Kb / 12P
Synchronous Buck Controller with 2-Bit VID Inputs
September, 2020 ??Rev. 0
logo
MPS Industries, Inc.
NB650 MPSIND-NB650 Datasheet
1Mb / 20P
High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
Rev. 1.13 10/7/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com