Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW7027 Datasheet (PDF) - Renesas Technology Corp

IW7027 Datasheet PDF - Renesas Technology Corp
Part # IW7027
Download  IW7027 Download
File Size   292.3 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Channel LED Driver for LCD Panel Backlighting

IW7027 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW7027 Datasheet PDF - Renesas Technology Corp

Part # IW7027
Download  IW7027 Click to download

File Size   292.3 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Channel LED Driver for LCD Panel Backlighting

IW7027 Datasheet (HTML) - Renesas Technology Corp


IW7027 Product details

▪ 16ch LED driver with external power MOSFET,
with 5V and 9-16V(Typ =12V) input supply voltage range
▪ Patented BroadLED™ adaptive switch mode
technology for high current matching at
maximum efficiency
▪ Channel Current matching accuracy ±3%
▪ Enables use of cheaper, loosely binned LED
arrays for lower BOM cost
▪ Dynamic external Boost or Buck controller
interface to optimize system power efficiency
▪ Dual interface controls one or two DC-DC converters
▪ Programmable LED channel assignment for
individual DC-DC converters
▪ High speed SPI interface and SPI daisy-chain support
▪ PWM-generator clock
▪ Internal OSC
▪ External clock (HSYNC)
▪ PLL-synthesized clock from external signal
▪ Industry only Patented Gate Sensing to detect
channel short without external component
▪ Dimming control
▪ 12-bit PWM dimming range from 0% to 99.9%
▪ Supports direct PWM dimming control
▪ Supports Scan Mode
▪ Supports VSYNC frequency from 50Hz to 480Hz.
▪ Programmable external MOS driver slew rate
▪ Integrated OTP with 2 times programmable
access
▪ With ECC for one bit error
▪ Two bit OTP error fault generation
▪ Programmable burn-in mode and direct PWM mode
▪ Supports different channel delay in all VSYNC
range setting for every channel
▪ Comprehensive protection features
▪ LED open fault detection
▪ Programmable LED short level fault detection
▪ Over-temperature shutdown
▪ Over two OTP bits error shutdown
▪ Microcontroller interruption interface




Similar Part No. - IW7027

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
16-Channel LED Driver for LCD Panel Backlighting
More results


Similar Description - IW7027

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
logo
Dialog Semiconductor
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
16-Channel LED Driver for LCD Panel Backlighting
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
32-Channel LED Driver for LCD Panel Backlighting
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
6-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
8-Channel LED Driver for LCD Panel Backlighting
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
10-Channel LED Driver for LCD Panel Backlighting
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com