Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC310 Datasheet (PDF) - Zetex Semiconductors

ZXSC310 Datasheet PDF - Zetex Semiconductors
Part # ZXSC310
Download  ZXSC310 Download
File Size   357.68 Kbytes
Page   14 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description LED DRIVER SOLUTION FOR LCD BACKLIGHTING

ZXSC310 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXSC310 Datasheet PDF - Zetex Semiconductors

Part # ZXSC310
Download  ZXSC310 Click to download

File Size   357.68 Kbytes
Page   14 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description LED DRIVER SOLUTION FOR LCD BACKLIGHTING

ZXSC310 Datasheet (HTML) - Zetex Semiconductors


ZXSC310 Product details

DEVICE DESCRIPTION
The ZXSC310 is a single or multi cell LED driver designed for LCD backlighting applications. The input voltage range of the device is between 0.8V and 8V. This means the ZXSC310 is compatible with single NiMH, NiCd or Alkaline cells, as well as multi-cell or LiIon batteries.

FEATURES
• 94% efficiency
• Minimum operating input voltage 0.8V
• Maximum operating input voltage 8V
• Standby current less than 5µA
• Programmable output current
• Series or parallel LED configuration
• Low saturation voltage switching transistor
• SOT23-5 package

APPLICATIONS
• LCD backlights:
    Digital still camera
    PDA
    Mobile phone
• LED flashlights and torches
• White LED driving
• Multiple LED driving




Similar Part No. - ZXSC310

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
logo
Zetex Semiconductors
ZXSC310E5TA ZETEX-ZXSC310E5TA Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310E5TA DIODES-ZXSC310E5TA Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
More results


Similar Description - ZXSC310

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
logo
Texas Instruments
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Dialog Semiconductor
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
16-Channel LED Driver for LCD Panel Backlighting
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
32-Channel LED Driver for LCD Panel Backlighting
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
6-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
8-Channel LED Driver for LCD Panel Backlighting
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
10-Channel LED Driver for LCD Panel Backlighting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com