Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC310 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXSC310
Description  LED DRIVER SOLUTION FOR LCD BACKLIGHTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC310 Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZXSC310 Datasheet HTML 3Page - Zetex Semiconductors ZXSC310 Datasheet HTML 4Page - Zetex Semiconductors ZXSC310 Datasheet HTML 5Page - Zetex Semiconductors ZXSC310 Datasheet HTML 6Page - Zetex Semiconductors ZXSC310 Datasheet HTML 7Page - Zetex Semiconductors ZXSC310 Datasheet HTML 8Page - Zetex Semiconductors ZXSC310 Datasheet HTML 9Page - Zetex Semiconductors ZXSC310 Datasheet HTML 10Page - Zetex Semiconductors ZXSC310 Datasheet HTML 11Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ZXSC310
PROVISIONAL ISSUE A - SEPTEMBER 2001
7
This circuit provides a continuous current output to the
LED by rectifying and buffering the DC-DC output. This
ensures maximum LED brightness.
Ref
Value
Part Number
Manufacture
Comments
U1
N/A
ZXSC310E5
Zetex Plc
Single cell converter, SOT23-5
Q1
N/A
FMMT617
Zetex Plc
Low
VCE(sat) NPN, SOT23
D1
1A
ZHCS1000
Zetex Plc
1A Shottky diode, SOT23
R1
100m
Generic
Various
0805 Size
C1
2.2 F
Generic
Various
Low ESR ceramic capacitor
L1
100µH
8
Surface mount inductor
Materials list
8See Application section.
Q1
FMMT617
R1
L1
V
D2
CC
G
I
V
S
U1
ZXSC310
D1
ZHCS1000
C1
BATT
V
DRIVE
TDN
SENSE
ND
Maximum brightness solution
(Notes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com