Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC310 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXSC310
Description  LED DRIVER SOLUTION FOR LCD BACKLIGHTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC310 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXSC310 Datasheet HTML 1Page - Zetex Semiconductors ZXSC310 Datasheet HTML 2Page - Zetex Semiconductors ZXSC310 Datasheet HTML 3Page - Zetex Semiconductors ZXSC310 Datasheet HTML 4Page - Zetex Semiconductors ZXSC310 Datasheet HTML 5Page - Zetex Semiconductors ZXSC310 Datasheet HTML 6Page - Zetex Semiconductors ZXSC310 Datasheet HTML 7Page - Zetex Semiconductors ZXSC310 Datasheet HTML 8Page - Zetex Semiconductors ZXSC310 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ABSOLUTE MAXIMUM RATINGS:
Supply Voltage
-0.3 to 10V
Maximum Voltage other pins
-0.3 to VCC+0.3V
Power Dissipation
450mW
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 125°C
ZXSC310
PROVISIONAL ISSUE A - SEPTEMBER 2001
2
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Efficiency
1
94
%
V
CC
Recommended supply
voltage range
0.8
8
V
V
CC(min)
Minimum startup and
operating voltage
I
DRIVE=-600µA, VDRIVE=0.7V
I
DRIVE=-600µA, VDRIVE=0.7V,
T
AMB=-10°C3
0.8
0.9
0.92
V
I
Q
Quiescent current
2
V
EN = VCC (enabled)
V
EN = 0V (standby)
0.2
45
mA
µA
I
VDRIVE
Base drive current
V
DRIVE = 0.7V, VISENSE = 0V
1.5
3.5
mA
I
CC
Supply current
3
V
DRIVE = 0.7V, VISENSE =0V
2
4
mA
V
VDRIVE(high)
High level drive voltage
V
ISENSE =0V, IVDRIVE =-0.5mA
V
CC
-0.3
V
CC
V
V
VDRIVE(low)
Low level drive voltage
V
ISENSE = 50mV, IVDRIVE = 5mA
0
0.2
V
V
EN(high)
Device enabled
0.7
V
V
EN(low)
Device in standby mode
0.15
V
I
EN
Enable input current
-1
1
µA
V
ISENSE
(threshold)
Output current reference
voltage
14
19
24
mV
T
CVISENSE
I
SENSE voltage temp co.
2
0.4
%/°C
I
ISENSE
I
SENSE input current
V
ISENSE = 0V
0
-30
-65
µA
ELECTRICAL CHARACTERISTICS:
Test conditions unless otherwise stated: VCC=1.5V, TAMB=25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
DRV
Discharge Pulse Width
1.2
1.7
3.2
µs
F
OSC
Recommended operating
frequency
4
200
kHz
ELECTRICAL CHARACTERISTICS: AC PARAMETERS
2
Test conditions unless otherwise stated: VCC=1.5V, TAMB=0 to 70 C
1 Application dependent, see reference designs
2 These parameters guaranteed by Design
3 Total supply current =IQ + IVDRIVE, see typical characteristics
4 Operating frequency is application circuit dependent. See applications section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com