Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC310 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXSC310
Description  LED DRIVER SOLUTION FOR LCD BACKLIGHTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC310 Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZXSC310 Datasheet HTML 2Page - Zetex Semiconductors ZXSC310 Datasheet HTML 3Page - Zetex Semiconductors ZXSC310 Datasheet HTML 4Page - Zetex Semiconductors ZXSC310 Datasheet HTML 5Page - Zetex Semiconductors ZXSC310 Datasheet HTML 6Page - Zetex Semiconductors ZXSC310 Datasheet HTML 7Page - Zetex Semiconductors ZXSC310 Datasheet HTML 8Page - Zetex Semiconductors ZXSC310 Datasheet HTML 9Page - Zetex Semiconductors ZXSC310 Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
REFERENCE DESIGNS
Three typical LED driving applications are shown.
Firstly a typical LCD backlight circuit, then maximum
brightness LED driving solution and lastly an
optimised battery life LED driving solution.
This application shows the ZXSC310 in a typical LCD
backlight application for Digital Still Cameras and
PDA’s. The input voltage for these backlight circuits are
usually fixed from the main system power, typically
3.3V or 5V. The LED’s are connected serially so that the
light is distributed uniformly in each LED. The current
provided to the LED’s can either be pulsed or DC. The
DC current is programmable via a sense resistor,
RSENSE, and is set to an optimum LED current of 20mA
for the reference designs. DC current is achieved by
adding a Schottky rectifying diode and an output
capacitor, as shown in the reference design below.
ZXSC310
PROVISIONAL ISSUE A - SEPTEMBER 2001
6
VIN
V CC
V
= 3.3V / 5V
DRIVE
I SENSE
Gnd
S
TDN
LCD backlight circuit
Ref
Value
Part Number
Manufacture
Comments
U1
N/A
ZXSC310E5
Zetex Plc
Single cell converter, SOT23-5
Q1
N/A
FMMT618
Zetex Plc
Low V
CE(sat) NPN, SOT23
D1
N/A
ZHCS1000
Zetex Plc
1A Schottky diode, SOT23
C1
2.2 F
Generic
Various
0805 Size
R1
6
150m
Generic
Various
1206 Size
R1
7
250m
Generic
Various
1206 Size
L1
8
68µH
Surface mount inductor
Materials list
6Used for 3.3V input, ILED set to 20mA 10%.
7Used for 5V input, ILED to 20mA 10%.
8See Application section.
(Notes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com