Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC310 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXSC310
Description  LED DRIVER SOLUTION FOR LCD BACKLIGHTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC310 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXSC310 Datasheet HTML 1Page - Zetex Semiconductors ZXSC310 Datasheet HTML 2Page - Zetex Semiconductors ZXSC310 Datasheet HTML 3Page - Zetex Semiconductors ZXSC310 Datasheet HTML 4Page - Zetex Semiconductors ZXSC310 Datasheet HTML 5Page - Zetex Semiconductors ZXSC310 Datasheet HTML 6Page - Zetex Semiconductors ZXSC310 Datasheet HTML 7Page - Zetex Semiconductors ZXSC310 Datasheet HTML 8Page - Zetex Semiconductors ZXSC310 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DEVICE DESCRIPTION
The ZXSC310 is a single or multi cell LED driver
designed for LCD backlighting applications. The input
voltage range of the device is between 0.8V and 8V.
This means the ZXSC310 is compatible with single
NiMH, NiCd or Alkaline cells, as well as multi-cell or
LiIon batteries.
The device features a shutdown control, resulting in a
standby current less than 5µA, and an output capable
of driving serial or parallel LED’s. The circuit generates
constant power output, which are ideal for driving
single or multiple LED’s over a wide range of operating
voltages. These features make the device ideal for
driving LED’s particularly in LCD backlight applications
for Digital Still cameras and PDA’s.
FEATURES
· 94% efficiency
· Minimum operating input voltage 0.8V
· Maximum operating input voltage 8V
· Standby current less than 5µA
· Programmable output current
· Series or parallel LED configuration
· Low saturation voltage switching transistor
· SOT23-5 package
APPLICATIONS
· LCD backlights:
Digital still camera
PDA
Mobile phone
· LED flashlights and torches
· White LED driving
· Multiple LED driving
The ZXSC310 is a PFM DC-DC controller IC that drives
an external Zetex switching transistor with a very low
saturation resistance. These transistors are the best
switching devices available for this type of conversion
enabling high efficiency conversion with low input
voltages. The drive output of the ZXSC310 LED driver
generates a dynamic drive signal for the switching
transistor.
The circuit can start up under full load and operates
down to an input voltage of 0.8 volts. The solution
configuration ensures optimum efficiency over a wider
range of load currents; several circuit configurations
are possible depending on battery life versus
brightness considerations.
The ZXSC310 is offered in the SOT23-5 package which,
when combined with a SOT23 switching transistor,
generates a high efficiency small size circuit solution.
The IC and discrete combination offers the ultimate
cost Vs performance solution for LED backlight
applications.
ZXSC310
PROVISIONAL ISSUE A - SEPTEMBER 2001
1
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
VIN
V CC
V
= 3.3V / 5V
DRIVE
I SENSE
Gnd
S
TDN
TYPICAL APPLICATIONS CIRCUIT
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZXSC310E5
180mm
8mm
3000
ORDERING INFORMATION
DEVICE MARKINGS
· C310


Similar Part No. - ZXSC310

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
logo
Zetex Semiconductors
ZXSC310E5TA ZETEX-ZXSC310E5TA Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310E5TA DIODES-ZXSC310E5TA Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
More results

Similar Description - ZXSC310

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
logo
Texas Instruments
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Dialog Semiconductor
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
16-Channel LED Driver for LCD Panel Backlighting
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
32-Channel LED Driver for LCD Panel Backlighting
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
6-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
8-Channel LED Driver for LCD Panel Backlighting
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
10-Channel LED Driver for LCD Panel Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com