Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC310 Datasheet(PDF) 11 Page - Zetex Semiconductors

Part # ZXSC310
Description  LED DRIVER SOLUTION FOR LCD BACKLIGHTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC310 Datasheet(HTML) 11 Page - Zetex Semiconductors

Back Button ZXSC310 Datasheet HTML 6Page - Zetex Semiconductors ZXSC310 Datasheet HTML 7Page - Zetex Semiconductors ZXSC310 Datasheet HTML 8Page - Zetex Semiconductors ZXSC310 Datasheet HTML 9Page - Zetex Semiconductors ZXSC310 Datasheet HTML 10Page - Zetex Semiconductors ZXSC310 Datasheet HTML 11Page - Zetex Semiconductors ZXSC310 Datasheet HTML 12Page - Zetex Semiconductors ZXSC310 Datasheet HTML 13Page - Zetex Semiconductors ZXSC310 Datasheet HTML 14Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Output Power Calculation
By making the above assumptions for inductance and
peak current the output power can be determined by:
Note:VOUT=output voltage + Schottky rectifier voltage
drop.
Where
TOFF
≅1.7us (internally set by ZXSC310)
and
and
Where
Operating frequency can be derived by:
Capacitor selection
For pulsed operation, as in the maximum battery life
solution, no capacitors are required at the output to the
LED. For rectified operation, as in the maximum
brightness solution, a small value ceramic capacitor is
required, typically 2.2uF.
Generally an input capacitor is not required, but a small
ceramic capacitor may be added to aid EMC, typically
470nF to 1uF.
(notes)
ZXSC310
PROVISIONAL ISSUE A - SEPTEMBER 2001
11
()
II
VV
T
L
MIN
PK
OUT
IN
OFF
=−
−×
()
F
TT
ON
OFF
=
+
1
I
II
AV
PK
MIN
=
+
2
()
T
TV
V
V
ON
OFF
OUT
IN
IN
=
PV
V
I
T
TT
OUT
OUT
IN
AV
OFF
ON
OFF
=−
×
×
+
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com