Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW7038 Datasheet (PDF) - Renesas Technology Corp

IW7038 Datasheet PDF - Renesas Technology Corp
Part # IW7038
Download  IW7038 Download
File Size   138.54 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Channel Internal Current Sink LED Backlighting Driver for HDR LCD TV/Monitor/Notebook Displays R16DO0037EU0120 Rev.

IW7038 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW7038 Datasheet PDF - Renesas Technology Corp

Part # IW7038
Download  IW7038 Click to download

File Size   138.54 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Channel Internal Current Sink LED Backlighting Driver for HDR LCD TV/Monitor/Notebook Displays R16DO0037EU0120 Rev.

IW7038 Datasheet (HTML) - Renesas Technology Corp


IW7038 Product details

■ 16 channel LED driver
■ Internal current sink MOSFETs
■ External current sense resisters
■ Single power supply, 12V (9V to 16V range) 50V
max. output voltage
■ 200mA x 100% duty x 16ch output current
capability, support 2 channel grouping
■ 13-bit max PWM dimming
● range from 0% to 99.9%
● 1s min. PWM output pulse
● Programmable output slew rate for EMI control
(0.35s/0.70s/1s)
■ Enhanced pure digital BroadLED™ mode
■ 11-bit global or 9-bit independent analog dimming
■ LED current and PWM duty update both
■ 46Hz to 32kHz VSYNC input, 46Hz to 32KHz
PWM output
■ Adaptive external DC/DC or AC/DC feedback
control to optimize system power efficiency
■ PWM-generator clock
● HSYNC (up to 22MHz)
● PLL (20MHz)
● Internal OSC (10MHz)
■ 16MHz Max SPI with Daisy chain
■ Optional Key registers write protection with
password, and optional data packet
CRC/checksum for noisy SPI interface
Programmable LED open/short detection threshold
and protection
■ High temperature shutdown and auto recovery
■ Fault interrupt output (open drain, need external pull up)
■ HBM +/- 2kV JESD22-A114 -20 at all pins
■ -20 to +85°C operating ambient temperature range
■ 145°C max. operating junction temperature
■ Package: 7mm x 7mm QFN48 with EP, 0.5mm pin
pitchsynchronized to VSYNC




Similar Part No. - IW7038

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7038 DIALOG-IW7038 Datasheet
526Kb / 7P
16-Channel Internal Current Sink LED Backlighting
More results


Similar Description - IW7038

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
logo
Dialog Semiconductor
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
16-Channel LED Driver for LCD Panel Backlighting
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
32-Channel LED Driver for LCD Panel Backlighting
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
6-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
8-Channel LED Driver for LCD Panel Backlighting
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
10-Channel LED Driver for LCD Panel Backlighting
IW7038 DIALOG-IW7038 Datasheet
526Kb / 7P
16-Channel Internal Current Sink LED Backlighting
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com