Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53659 Datasheet (PDF) - Texas Instruments

TPS53659 Datasheet PDF - Texas Instruments
Part # TPS53659
Download  TPS53659 Download
File Size   456.92 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53659 Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP™ Step-Down Multiphase Controller with NVM and PMBus™ for VR13 Server Memory

TPS53659 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53659 Datasheet PDF - Texas Instruments

Part # TPS53659
Download  TPS53659 Click to download

File Size   456.92 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53659 Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP™ Step-Down Multiphase Controller with NVM and PMBus™ for VR13 Server Memory

TPS53659 Datasheet (HTML) - Texas Instruments


TPS53659 Product details

1.1 Features 1
• Full VR13 Server Feature Set Including Digital
Input Power Monitor
• Programmable Loop Compensations
• Configurable with Non-Volatile Memory (NVM) for
Low External Component Counts
• Individual Phase Current Calibrations and Reports
• Dynamic Phase Shedding with Programmable
Current Threshold for Optimizing Efficiency at Light
and Heavy Loads
• Fast Phase-Adding for Undershoot Reduction
(USR)
• Backward VR12.0 and VR12.5 Compatible
• 8-Bit DAC with Selectable 5 mV or 10 mV
Resolution and Output Ranges from 0.25 V to
1.52 V or 0.5 V to 2.8125 V for Dual Channels
• Driverless Configuration for Efficient High-
Frequency Switching
• Fully Compatible with TI NextFET™ Power Stage
for High-Density Solutions
• Accurate, Adjustable Voltage Positioning
• Frequency Selections with Closed-loop Frequency
Control: 300 kHz to 1 MHz
• Patented AutoBalance™ Phase Balancing
• Selectable, 16-level Per-Phase Current Limit
• PMBus™ System Interface for Telemetry of
Voltage, Current, Power, Temperature, and Fault
Conditions
• Dynamic Output Voltage Transitions with
Programmable Slew Rates via SVID or PMBus
Interface
• Conversion Voltage Range: 4.5 V to 17 V
• Low Quiescent Current
• 5 mm × 5 mm, 40-Pin, WQFN PowerPad™
Package

1.2 Applications
• VR13 Memory Power of Server and Telecom
Applications
• ASIC Needs Dual Power Rails
• High-Performance Processor Power

1.3 Description
The TPS53659 is a fully VR13 SVID compliant step-down controller with dual channels, built-in nonvolatile
memory (NVM), and PMBus™ interface, and is fully compatible with TI NexFET™ power stage.
Advanced control features such as D-CAP+™ architecture with undershoot reduction (USR) provide fast
transient response, low output capacitance, and good current sharing. The device also provides novel
phase interleaving strategy and dynamic phase shedding for efficiency improvement at different loads.
Adjustable control of VCORE slew rate and voltage positioning round out the Intel® features. In addition, the
device supports the PMBus communication interface for reporting the telemetry of voltage, current, power,
temperature, and fault conditions to the systems. All programmable parameters can be configured by the
PMBus interface and can be stored in NVM as the new default values to minimize the external component
count.
The TPS53659 device if offered in a thermally enhanced 40-pin WQFN packaged and is rated to operate
from –40°C to 125°C.




Similar Part No. - TPS53659

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53659RSBR TI1-TPS53659RSBR Datasheet
744Kb / 11P
Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53659RSBT TI1-TPS53659RSBT Datasheet
744Kb / 11P
Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
More results


Similar Description - TPS53659

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS53685 TI-TPS53685 Datasheet
1Mb / 11P
TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS536C5 TI-TPS536C5 Datasheet
872Kb / 14P
TPS536C5 Dual-Channel (N M ≤ 12 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com