Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53689T Datasheet (PDF) - Texas Instruments

TPS53689T Datasheet PDF - Texas Instruments
Part # TPS53689T
Download  TPS53689T Download
File Size   514.27 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces

TPS53689T Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53689T Datasheet PDF - Texas Instruments

Part # TPS53689T
Download  TPS53689T Click to download

File Size   514.27 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces

TPS53689T Datasheet (HTML) - Texas Instruments


TPS53689T Product details

1 Features
• Input voltage range: 4.5 V to 17 V
• Output voltage range: 0.25 V to 5.5 V
• Dual output supporting N+M phase configurations
(N+M ≤ 8, M ≤ 4)
• Native trans-inductor voltage regulator (TLVR)
topology support, with LC open and short
protection
• Fully compatible with TI smart power stages
• Supports voltage- and current-source Imon power
stages, with internal 1 kΩ resistor
• Support for traditional (legacy mode) and limp
mode power stage fault identification
• Supports dual side power delivery with 12"+ trace
length
• Intel® VR14 SVID compliant with PSYS support
• Backward compatible to VR13.HC/VR13.0 SVID
• Automatic NVM fault status logging
• Enhanced D-CAP+ control to provider superior
transient performance with excellent dynamic
current sharing
• Dynamic phase shedding with programmable
thresholds for optimizing efficiency at light and
heavy loads
• Configurable with non-volatile memory (NVM) for
low external component count
• Individual per-phase IMON calibration, with multislope
gain calibration to increase system accuracy
• Diode braking with programmable timeout for
reduced transient overshoot
• Programmable per-phase valley current limit
(OCL)
• PMBus™ v1.3.1 system interface for telemetry of
voltage, current, power, temperature, and fault
conditions
• Programmable loop compensation through PMBus
• 5.00 mm × 5.00mm, 40-pin, QFN package

2 Applications
• Data center & enterprise computing rack server
• Hardware accelerator
• Network interface card (NIC)
• ASIC and high performance client

3 Description
The TPS53689T is a VR14 SVID compliant step
down controller with trans-inductor voltage regulator
(TLVR) topology support, two channels, built-in nonvolatile
memory (NVM), and PMBus™ interface, and
is fully compatible with TI smart power stages.
Advanced control features such as the D-CAP+
architecture provide fast transient response, low
output capacitance, and good dynamic current
sharing. Adjustable control of output voltage slew
rate and adaptive voltage positioning are natively
supported. In addition, the device supports the PMBus
communication interface for reporting the telemetry
of voltage, current, power, temperature, and fault
conditions to the host system. All programmable
parameters can be configured through the PMBus
interface and can be stored in NVM as the new
default values, to minimize the external component
count.




Similar Part No. - TPS53689T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53689T TI-TPS53689T Datasheet
546Kb / 6P
TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS53689TRSBR TI-TPS53689TRSBR Datasheet
546Kb / 6P
TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
More results


Similar Description - TPS53689T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS536C7 TI-TPS536C7 Datasheet
6Mb / 147P
TPS536C7B1 Dual-Channel D-CAP?? Dual-Channel (NM ??12 Phases) Step-Down, Multiphase Controller with PMBus??Interface
TPS53676 TI-TPS53676 Datasheet
5Mb / 143P
TPS53676 Dual-Channel D-CAP?? (NM ??7 Phases) Step-Down, Multiphase Controller with AVSBus??and PMBus??Interfaces
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS536C9 TI-TPS536C9_V01 Datasheet
1Mb / 11P
TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
DECEMBER 2021
TPS53685 TI-TPS53685 Datasheet
1Mb / 11P
TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS536C5 TI-TPS536C5 Datasheet
872Kb / 14P
TPS536C5 Dual-Channel (N M ≤ 12 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53689T TI-TPS53689T Datasheet
546Kb / 6P
TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS536C9T TI-TPS536C9T Datasheet
712Kb / 9P
TPS536C9T Dual-channel (N M ≤ 12 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com