Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW7039 Datasheet (PDF) - Renesas Technology Corp

IW7039 Datasheet PDF - Renesas Technology Corp
Part # IW7039
Download  IW7039 Download
File Size   132.77 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Channel Internal Current Sink LED Backlighting Driver R16DO0038EU0120 Rev.

IW7039 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW7039 Datasheet PDF - Renesas Technology Corp

Part # IW7039
Download  IW7039 Click to download

File Size   132.77 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Channel Internal Current Sink LED Backlighting Driver R16DO0038EU0120 Rev.

IW7039 Datasheet (HTML) - Renesas Technology Corp


IW7039 Product details

■ 32 channel LED driver, pin map compatible with
16 channel iW7038
● Internal Current sink
■ Support 12V or 5V Single power supply
■ 65V max. LED pin rating
■ 66mA x 100% duty x 32ch output current, support
channel grouping.
■ 12-bit PWM dimming.
■ 10-bit global and independent analog
dimming (I-dimming), optional 66mA/44mA/22mA
full range.
■ Head mode with optional off time control.
■ Optional 350/650/950/1600ns PWM output slew
rate.
■ Optional 0.5ms to 10ms (0.5ms per step),
LED current rising and falling slop control in
analog dimming.
■ 44Hz to 32KHz VSYNC input, 44Hz to 64KHz PWM
output.
■ 9-bit adaptive external DC/DC feedback control
■ 3 PWM-generator clock options
● External HSYNC (up to 26MHz)
● APLL (15MHz to 26.6MHz)
● DPLL (10MHz), support gaming monitor VRR
(Variable Refresh Rate)
■ 26.6MHz Max SPI with Daisy chain
■ Programmable LED open/short detection threshold
and protection




Similar Part No. - IW7039

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
32-Channel LED Driver for LCD Panel Backlighting
IW7032-00-TQ1 DIALOG-IW7032-00-TQ1 Datasheet
1Mb / 31P
32-Channel LED Driver for LCD Panel Backlighting
IW7038 DIALOG-IW7038 Datasheet
526Kb / 7P
16-Channel Internal Current Sink LED Backlighting
logo
Renesas Technology Corp
IW7038 RENESAS-IW7038 Datasheet
138Kb / 2P
16-Channel Internal Current Sink LED Backlighting Driver for HDR LCD TV/Monitor/Notebook Displays R16DO0037EU0120 Rev.
Jul 17, 2024
More results


Similar Description - IW7039

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
16-Channel Constant-Current LED Sink Driver
logo
Dialog Semiconductor
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
16-Channel LED Driver for LCD Panel Backlighting
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
32-Channel LED Driver for LCD Panel Backlighting
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
6-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
8-Channel LED Driver for LCD Panel Backlighting
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
10-Channel LED Driver for LCD Panel Backlighting
IW7038 DIALOG-IW7038 Datasheet
526Kb / 7P
16-Channel Internal Current Sink LED Backlighting
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
16-Channel Constant Current Sink for LED Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
16-channel Constant Current LED Sink Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com