Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210130 Datasheet (PDF) - Renesas Technology Corp

RAA210130 Datasheet PDF - Renesas Technology Corp
Part # RAA210130
Download  RAA210130 Download
File Size   2830.46 Kbytes
Page   105 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15V, 30A Single Channel Digital PMBus Step-Down Power Module

RAA210130 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA210130 Datasheet PDF - Renesas Technology Corp

Part # RAA210130
Download  RAA210130 Click to download

File Size   2830.46 Kbytes
Page   105 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15V, 30A Single Channel Digital PMBus Step-Down Power Module

RAA210130 Datasheet (HTML) - Renesas Technology Corp


RAA210130 Product details

▪ Complete digital power supply
▪ 30A single channel output current
• 4.75V to 15V single rail input voltage
• Up to 96% efficiency
▪ Programmable output voltage
• 0.45V to 3.3V output voltage settings
• ±0.7% accuracy over line, load, and temperature
▪ Advanced linear digital modulation scheme
• Up to 1.25MHz fixed switching frequency
operations
• Dual edge modulation with optional diode
braking for faster transient response
• Excellent VOUT transition performance.
▪ PMBus V1.3 compatible
• Fully programmable through PMBus
• Up to 16 user configurations stored in device
Non-Volatile Memory (NVM)
• Real-time telemetry for VIN, VOUT, IOUT,
temperature, duty cycle, and fSW.
▪ Advanced soft-start/stop, sequencing, and
margining
▪ Complete customizable over/under voltage,
current, and temperature protections
▪ Black Box status recording with first fault indicator
▪ 10mmx13mmx7.8mm BGA package




Similar Part No. - RAA210130

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
More results


Similar Description - RAA210130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
December 3, 2012
ISL8225M INTERSIL-ISL8225M_13 Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
ISL8273MAIRZ INTERSIL-ISL8273MAIRZ Datasheet
1Mb / 54P
80A Single Channel Digital PMBus Step-Down Power Module
March 16, 2016
logo
Linear Technology
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4676AEY LINER-LTM4676AEY Datasheet
1Mb / 16P
130A Step-Down 關Module Regulator with PMBus Power System Management
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
26A Step-Down 關Module Regulator with PMBus Power System Management
logo
Renesas Technology Corp
ISL8273M RENESAS-ISL8273M Datasheet
2Mb / 59P
80A Single Channel Digital PMBus Step-Down Power Module
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
Dual 15A/Single 30A Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
30A/30A Dual-Channel Digital PMBus Step-Down Power Module
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com