Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB04 Datasheet (PDF) - STMicroelectronics

BTB04 Datasheet PDF - STMicroelectronics
Part # BTB04
Download  BTB04 Download
File Size   438.03 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SENSITIVE GATE TRIACS

BTB04 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTB04 Datasheet PDF - STMicroelectronics

Part # BTB04
Download  BTB04 Click to download

File Size   438.03 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SENSITIVE GATE TRIACS

BTB04 Datasheet (HTML) - STMicroelectronics


BTB04 Product details

DESCRIPTION

The BTA/BTB04 T/D/S/A triac family are high performance glass passivated PNPN devices. These parts are suitables for general purpose applications where gate high sensitivity is required. Application on 4Q such as phase control and static switching.



FEATURES

■ Very low IGT = 10mA max

■ Low IH = 15mA max

■ BTA Family:

Insulating voltage = 2500V(RMS) (UL recognized: E81734)

 




Similar Part No. - BTB04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB04 STMICROELECTRONICS-BTB04 Datasheet
69Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
logo
JIEJIE MICROELECTRONICS...
BTB04 JIEJIE-BTB04 Datasheet
662Kb / 6P
4A TRIACs
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
SENSITIVE GATE TRIACS
logo
Continental Device Indi...
BTB04 CDIL-BTB04 Datasheet
77Kb / 2P
Triac Series
logo
Inchange Semiconductor ...
BTB04 ISC-BTB04 Datasheet
121Kb / 1P
isc Triacs
More results


Similar Description - BTB04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
SENSITIVE GATE TRIACS
Feb-1989
BTA08S STMICROELECTRONICS-BTA08S Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
TLC116 STMICROELECTRONICS-TLC116 Datasheet
52Kb / 5P
SENSITIVE GATE TRIACS
Feb-1999
logo
Tiger Electronic Co.,Lt...
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
Triacs sensitive gate
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
Triacs sensitive gate
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
Sensitive Gate Triacs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com