Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB04 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BTB04
Description  SENSITIVE GATE TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB04 Datasheet(HTML) 2 Page - STMicroelectronics

  BTB04 Datasheet HTML 1Page - STMicroelectronics BTB04 Datasheet HTML 2Page - STMicroelectronics BTB04 Datasheet HTML 3Page - STMicroelectronics BTB04 Datasheet HTML 4Page - STMicroelectronics BTB04 Datasheet HTML 5Page - STMicroelectronics BTB04 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTA04 T/D/S/A
BTB04 T/D/S/A
2/6
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
60
°C/W
Rth (j-c) DC
Junction to case for DC
BTA
4.4
°C/W
BTB
3.2
Rth (j-c) AC
Junction to case for 360° conduction angle (F = 50Hz)
BTA
3.3
°C/W
BTB
2.4
GATE CHARACTERISTICS (maximum values)
PG(AV) =1W
PGM = 40W (tp = 20µs)
IGM = 4A (tp = 20µs)
VGM = 16V (tp = 20µs)
THERMAL RESISTANCE
Symbol
Test conditions
Quadrant
BTA / BTB04
Unit
TD
S
A
IGT
VD = 12V (DC)
RL =33
Ω
Tj = 25°C
I - II - III
MAX.
5
5
10
10
mA
IV
MAX.
5
10
10
25
VGT
VD = 12V (DC)
RL =33
Ω
Tj = 25°C
I - II - III - IV
MAX.
1.5
V
VGD
VD =VDRM
RL = 3.3k
Ω
Tj =110°C
I - II - III - IV
MIN.
0.2
V
tgt
VD =VDRM
IG = 40mA
dIG/dt = 0.5A/µs
Tj = 25°C
I - II - III - IV
TYP.
2
µs
IL
IG = 1.2IGT
Tj = 25°C
I - III - IV
TYP.
10
10
20
20
mA
II
20
20
40
40
IH*IT = 100mA Gate open
Tj = 25°C
MAX.
15
15
25
25
mA
VTM *ITM = 5.5A
tp = 380µs
Tj = 25°C
MAX.
1.65
V
IDRM
IRRM
VDRM rated
VRRM rated
Tj = 25°C
MAX.
0.01
mA
Tj = 110°C
MAX.
0.75
dV/dt *
Linear slope up to
VD = 67% VDRM gate open
Tj = 110°C
TYP.
10
10
-
-
V/
µs
MIN.
-
-
10
10
(dI/dt)c*
(dI/dt)c = 1.8A/ms
Tj = 110°C
TYP.
1
1
5
5
V/µs
* For either polarity of electrode A2 voltage with reference to electrode A1
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com