Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61007 Datasheet (PDF) - Texas Instruments

TPS61007 Datasheet PDF - Texas Instruments
Part # TPS61007
Download  TPS61007 Download
File Size   910.53 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6100x Single- and Dual-Cell Boost Converter With Start-up Into Full Load

TPS61007 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61007 Datasheet PDF - Texas Instruments

Part # TPS61007
Download  TPS61007 Click to download

File Size   910.53 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6100x Single- and Dual-Cell Boost Converter With Start-up Into Full Load

TPS61007 Datasheet (HTML) - Texas Instruments


TPS61007 Product details

1 Features
1• Start-Up Into a Full Load With Supply Voltages as
Low as 0.9 V Over Full Temperature Range
• Minimum 100-mA Output Current From 0.8-V
Supply Voltage, 250 mA From 1.8 V
• High Power Conversion Efficiency, up to 90%
• Power-Save Mode for Improved Efficiency at Low
Output Currents
• Device Quiescent Current Less Than 50 μA
• Added System Security With Integrated Low-
Battery Comparator
• Low-EMI Converter (Integrated Antiringing Switch
Across Inductor)
• Micro-Size 10-Pin MSOP Package
• Evaluation Modules Available
(TPS6100xEVM–156)

2 Applications
• Single- and Dual-Cell Battery Operated Products
• MP3-Players and Wireless Headsets
• Pagers and Cordless Phones
• Portable Medical Diagnostic Equipment
• Remote Controls

3 Description
The TPS6100x devices are boost converters intended
for systems that are typically operated from a singleor
dual-cell nickel-cadmium (NiCd), nickel-metal
hydride (NiMH), or alkaline battery. The converter
output voltage can be adjusted from 1.5 V to a
maximum of 3.3 V and provides a minimum output
current of 100 mA from a single battery cell and 250
mA from two battery cells. The converter starts up into a full load with a supply voltage of 0.9 V and
stays in operation with supply voltages as low as 0.8
V.
The converter is based on a fixed-frequency, current-
mode pulse-width-modulation (PWM) controller that
goes into power-save mode at low load currents. The
current through the switch is limited to a maximum of
1100 mA, depending on the output voltage. The current sense is integrated to further minimize
external component count. The converter can be
disabled to minimize battery drain when the system is
put into standby.
A low-EMI mode is implemented to reduce
interference and radiated electromagnetic energy that
is caused by the ringing of the inductor when the
inductor discharge-current decreases to zero. The device is packaged in the space-saving 10-pin MSOP
package.




Similar Part No. - TPS61007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61007 TI1-TPS61007 Datasheet
600Kb / 25P
Single- and Dual-Cell Boost Converter
TPS61007DGS TI-TPS61007DGS Datasheet
393Kb / 22P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61007DGS TI1-TPS61007DGS Datasheet
997Kb / 26P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61007DGSG4 TI1-TPS61007DGSG4 Datasheet
997Kb / 26P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results


Similar Description - TPS61007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
500-mA - Adjustable Boost Converter for Single or Dual Cell
03-Aug-09
logo
Texas Instruments
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
Low Start-up Voltage Boost Converter with Four SPDT Switches
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Texas Instruments
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
Single- and Dual-Cell Boost Converter
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
High-Efficiency, 1-Cell and 2-Cell Boost Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com