Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65155 Datasheet (PDF) - Texas Instruments

TPS65155 Datasheet PDF - Texas Instruments
Part # TPS65155
Download  TPS65155 Download
File Size   748.98 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65155 LCD Bias Solution for LCD Monitors

TPS65155 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65155 Datasheet PDF - Texas Instruments

Part # TPS65155
Download  TPS65155 Click to download

File Size   748.98 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65155 LCD Bias Solution for LCD Monitors

TPS65155 Datasheet (HTML) - Texas Instruments


TPS65155 Product details

1 Features
1• 3-V to 6-V Input Voltage Range
• Boost Converter With 4-A Switch Current Limit
• Boost Converter Output Voltages up to 18 V
• Boost Converter Overvoltage Protection
• Selectable Switching Frequency (640 kHz or 1.2
MHz)
• Programmable Boost Converter Soft-Start
• Temperature-Compensated Positive Charge
Pump Controller
• Negative Charge Pump Controller
• 4 + 2 Channels of Level Shifters
• XAO Reset Signal
• Thermal Shutdown
• 40-Pin 5×5 mm QFN Package

2 Applications
• LCD Monitors or Notebook Panels

3 Description
The TPS65155 provides an integrated bias and level
shifter solution for LCD monitors .
The device integrates a boost converter to generate
the source driver supply voltage (VAVDD), positive and
negative charge pump controllers to generate gate
driver ON (VGH) and OFF (VGL) voltages, and an 6-
channel level shifter in a single IC. The positive
charge pump controller supports temperature
compensation to reduce VGH at high temperatures.
In addition to the above functions, the TPS65155
generates an additional active-low XAO reset output.
Supply sequencing during power-up can be controlled
by an externally generated enable signal.
To request a full data sheet or other design
resources: request TPS65155




Similar Part No. - TPS65155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65155 TI1-TPS65155 Datasheet
675Kb / 36P
LCD Bias Solution with Level Shifters for GOA Panels
TPS65155RKPR TI1-TPS65155RKPR Datasheet
675Kb / 36P
LCD Bias Solution with Level Shifters for GOA Panels
More results


Similar Description - TPS65155

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
LCD Bias Supply
TPS65155 TI1-TPS65155 Datasheet
675Kb / 36P
LCD Bias Solution with Level Shifters for GOA Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
Compact LCD Bias Supply for TFT-LCD TV Panels
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Anpec Electronics Corop...
APW7276 ANPEC-APW7276 Datasheet
377Kb / 21P
PMIC for LCD Bias Power
logo
Lowpower Semiconductor ...
LP6282 POWER-LP6282 Datasheet
276Kb / 9P
LCD Bias Power for Panel
logo
Digital View Ltd
HE-1400 DIGITALVIEW-HE-1400 Datasheet
806Kb / 2P
LCD Controller for Industrial Monitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com