Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ1117 Datasheet (PDF) - Diodes Incorporated

AZ1117 Datasheet PDF - Diodes Incorporated
Part # AZ1117
Download  AZ1117 Download
File Size   947.81 Kbytes
Page   32 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A LOW DROPOUT LINEAR REGULATOR

AZ1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ1117 Datasheet PDF - Diodes Incorporated

Part # AZ1117
Download  AZ1117 Click to download

File Size   947.81 Kbytes
Page   32 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A LOW DROPOUT LINEAR REGULATOR

AZ1117 Datasheet (HTML) - Diodes Incorporated


AZ1117 Product details

Description
The AZ1117 is a series of low dropout three-terminal regulators with a
dropout of 1.15V at 1A output current.
The AZ1117 series provides current limiting and thermal shutdown.
Its circuit includes a trimmed bandgap reference to assure output
voltage accuracy to be within 1% for 1.5V, 1.8V, 2.5V, 2.85V, 3.3V,
5.0V and adjustable versions or 2% for 1.2V version. Current limit is
trimmed to ensure specified output current and controlled short-circuit
current. On-chip thermal shutdown provides protection against any
combination of overload and ambient temperature that would create
excessive junction temperature.
The AZ1117 has an adjustable version, which can provide the output
voltage from 1.25V to 12V with only 2 external resistors.
The AZ1117 series is available in the industry standard SOT223,
SOT89, TO220-3, TO252-2 (3), TO252-2 (4), TO252-2 (5) and TO263
power packages.

Features
 Low Dropout Voltage: 1.15V at 1A Output Current
 Trimmed Current Limit
 On-chip Thermal Shutdown
 Three-terminal Adjustable or Fixed 1.2V, 1.5V, 1.8V, 2.5V, 2.85V,
3.3V, 5.0V
 Operation Junction Temperature: -40 to +125oC
 Lead-Free Packages: SOT223, SOT89, TO220-3, TO252-2 (3),
TO252-2 (4), TO252-2 (5), TO263
 Totally Lead-Free; RoHS Compliant (Notes 1 & 2)

Applications
 PC Motherboard
 LCD Monitor
 Graphic Card
 DVD-video Player
 NIC/Switch
 Telecom Equipment
 ADSL Modem
 Printer and other Peripheral Equipment




Similar Part No. - AZ1117

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117 Datasheet
224Kb / 24P
1A LOW DROPOUT LINEAR REGULATOR
AZ1117 BCDSEMI-AZ1117 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117 DIODES-AZ1117 Datasheet
554Kb / 32P
1A LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
527Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results


Similar Description - AZ1117

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com