Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS20N60F Datasheet (PDF) - China Resources Microelectronics Limited

CS20N60F Datasheet PDF - China Resources Microelectronics Limited
Part # CS20N60F
Download  CS20N60F Download
File Size   435.64 Kbytes
Page   10 Pages
Manufacturer  CRMICRO [China Resources Microelectronics Limited]
Direct Link  https://www.crmicro.com/Home/
Logo CRMICRO - China Resources Microelectronics Limited
Description Fast Switching

CS20N60F Datasheet (PDF)

Go To PDF Page Download Datasheet
CS20N60F Datasheet PDF - China Resources Microelectronics Limited

Part # CS20N60F
Download  CS20N60F Click to download

File Size   435.64 Kbytes
Page   10 Pages
Manufacturer  CRMICRO [China Resources Microelectronics Limited]
Direct Link  https://www.crmicro.com/Home/
Logo CRMICRO - China Resources Microelectronics Limited
Description Fast Switching

CS20N60F Datasheet (HTML) - China Resources Microelectronics Limited


CS20N60F Product details

General Description:
CS20N60F A9H, the silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor can
be used in various power switching circuit for system
miniaturization and higher efficiency. The package form is
TO-220F, which accords with the RoHS standard..

Features:
l Fast Switching
l Low ON Resistance(Rdson≤0.45Ω)
l Low Gate Charge (Typical Data:61nC)
l Low Reverse transfer capacitances(Typical: 20pF)
l 100% Single Pulse avalanche energy Test




Similar Part No. - CS20N60F

ManufacturerPart #DatasheetDescription
logo
Guangdong Lingxun Micro...
CS20N65A LINGXUN-CS20N65A Datasheet
443Kb / 5P
N-Channel Enhancement Mode Power MOSFET
3/5/2018 Rev:01
CS20N65A1 LINGXUN-CS20N65A1 Datasheet
443Kb / 5P
N-Channel Enhancement Mode Power MOSFET
3/5/2018 Rev:01
CS20N65A2 LINGXUN-CS20N65A2 Datasheet
443Kb / 5P
N-Channel Enhancement Mode Power MOSFET
3/5/2018 Rev:01
CS20N65A3 LINGXUN-CS20N65A3 Datasheet
443Kb / 5P
N-Channel Enhancement Mode Power MOSFET
3/5/2018 Rev:01
CS20N65A3-R LINGXUN-CS20N65A3-R Datasheet
443Kb / 5P
N-Channel Enhancement Mode Power MOSFET
3/5/2018 Rev:01
More results


Similar Description - CS20N60F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
Fast Switching
logo
Inchange Semiconductor ...
2N60 ISC-2N60 Datasheet
157Kb / 2P
Fast Switching
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
Fast Switching
33N10 ISC-33N10 Datasheet
67Kb / 2P
Fast Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com