Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS20N60F Datasheet(PDF) 2 Page - China Resources Microelectronics Limited

Part # CS20N60F
Description  Fast Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRMICRO [China Resources Microelectronics Limited]
Direct Link  https://www.crmicro.com/Home/
Logo CRMICRO - China Resources Microelectronics Limited

CS20N60F Datasheet(HTML) 2 Page - China Resources Microelectronics Limited

  CS20N60F Datasheet HTML 1Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 2Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 3Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 4Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 5Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 6Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 7Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 8Page - China Resources Microelectronics Limited CS20N60F Datasheet HTML 9Page - China Resources Microelectronics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
W U X I C HI N A R E S O U RC E S H UA J I N G M I C R O E L E C T R O N I C S C O . , LT D.
P a g e 2 o f 1 0
201 5 V 01
○
R
CS20N60F A9H
Electrical Characteristics(Tc= 25℃ unless otherwise specified):
OFF Characteristics
Symbol
Parameter
Test Conditions
Rating
Units
Min.
Typ.
Max.
VDSS
Drain to Source Breakdown Voltage
VGS=0V, ID=250µA
600
--
--
V
ΔBV
DSS/ΔTJ
Bvdss Temperature Coefficient
ID=250uA,Reference25℃
--
0.65
--
V/℃
IDSS
Drain to Source Leakage Current
VDS = 600V, VGS= 0V,
Ta = 25℃
--
--
1
µA
VDS =480V, VGS= 0V,
Ta = 125℃
100
IGSS(F)
Gate to Source Forward Leakage
VGS= 30V
--
--
100
nA
IGSS(R)
Gate to Source Reverse Leakage
VGS =-30V
--
--
-100
nA
ON Characteristics
Symbol
Parameter
Test Conditions
Rating
Units
Min.
Typ.
Max.
RDS(ON)
Drain-to-Source On-Resistance
VGS=10V,ID=10A
--
0.36
0.45
Ω
VGS(TH)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
2.0
--
4.0
V
Pulse width tp≤300µs,δ≤2%
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Rating
Units
Min.
Typ.
Max.
gfs
Forward Trans conductance
VDS=15V, ID =10A
--
17
--
S
Ciss
Input Capacitance
VGS = 0V VDS = 25V
f = 1.0MHz
--
2847
pF
Coss
Output Capacitance
--
252
Crss
Reverse Transfer Capacitance
--
20
Resistive Switching Characteristics
Symbol
Parameter
Test Conditions
Rating
Units
Min.
Typ.
Max.
td(ON)
Turn-on Delay Time
ID =20A
VDD = 300V
RG = 25Ω
--
36
ns
tr
Rise Time
--
73
td(OFF)
Turn-Off Delay Time
--
166
tf
Fall Time
--
73
Qg
Total Gate Charge
ID =20A
VDD =300V
VGS = 10V
--
61
nC
Qgs
Gate to Source Charge
--
14
--
Qgd
Gate to Drain (“Miller”)Charge
--
24
--



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com