Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0700 Datasheet (PDF) - ON Semiconductor

HCPL0700 Datasheet PDF - ON Semiconductor
Part # HCPL0700
Download  HCPL0700 Download
File Size   622.96 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Input Current High Gain Split Darlington Optocouplers

HCPL0700 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL0700 Datasheet PDF - ON Semiconductor

Part # HCPL0700
Download  HCPL0700 Click to download

File Size   622.96 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Input Current High Gain Split Darlington Optocouplers

HCPL0700 Datasheet (HTML) - ON Semiconductor


HCPL0700 Product details

Features
■ Low input current: 0.5mA
■ Superior CTR: 2000%
■ Superior CMR – 10 kV/μs
■ CTR guaranteed 0°C to 70°C
■ U.L. Recognized (file# E90700)
■ VDE 0884 recognized (file# 136616) – approval pending for HCPL0730/0731
■ BSI recognized (file# 8661, 8662) – HCPL0700/0701 only

Applications
■ Digital logic ground isolation
■ Telephone ring detector
■ EIA-RS-232C line receiver
■ High common mode noise line receiver
■ μP bus isolation
■ Current loop receiver

Description
The HCPL0700, HCPL0701, HCPL0730 and HCPL0731 optocouplers consist of an AlGaAs LED optically coupled to a high gain split darlington photodetector housed in a compact 8-pin small outline package. The HCPL0730 and HCPL0731 devices have two channels per package for optimum mounting density.
The split darlington configuration separating the input photodiode and the first stage gain from the output transistor permits lower output saturation voltage and higher speed operation than possible with conventional darlington phototransistor optocoupler.
The combination of a very low input current of 0.5mA and a high current transfer ratio of 2000% makes this family particularly useful for input interface to MOS, CMOS, LSTTL and EIA RS232C, while output compatibility is ensured to CMOS as well as high fan-out TTL requirements.




Similar Part No. - HCPL0700

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
HCPL0700R2 FAIRCHILD-HCPL0700R2 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
HCPL0700R2V FAIRCHILD-HCPL0700R2V Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
HCPL0700V FAIRCHILD-HCPL0700V Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
More results


Similar Description - HCPL0700

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com