Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0700 Datasheet(PDF) 2 Page - ON Semiconductor

Part # HCPL0700
Description  Low Input Current High Gain Split Darlington Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL0700 Datasheet(HTML) 2 Page - ON Semiconductor

  HCPL0700 Datasheet HTML 1Page - ON Semiconductor HCPL0700 Datasheet HTML 2Page - ON Semiconductor HCPL0700 Datasheet HTML 3Page - ON Semiconductor HCPL0700 Datasheet HTML 4Page - ON Semiconductor HCPL0700 Datasheet HTML 5Page - ON Semiconductor HCPL0700 Datasheet HTML 6Page - ON Semiconductor HCPL0700 Datasheet HTML 7Page - ON Semiconductor HCPL0700 Datasheet HTML 8Page - ON Semiconductor HCPL0700 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0700, HCPL0701, HCPL0730, HCPL0731 Rev. 1.0.1
April 2009
HCPL0700, HCPL0701, HCPL0730, HCPL0731
Low Input Current High Gain Split Darlington Optocouplers
Single Channel: HCPL0700, HCPL0701, Dual Channel: HCPL0730, HCPL0731
Features
■ Low input current: 0.5mA
■ Superior CTR: 2000%
■ Superior CMR – 10 kV/µs
■ CTR guaranteed 0°C to 70°C
■ U.L. Recognized (file# E90700)
■ VDE 0884 recognized (file# 136616)
– approval pending for HCPL0730/0731
■ BSI recognized (file# 8661, 8662)
– HCPL0700/0701 only
Applications
■ Digital logic ground isolation
■ Telephone ring detector
■ EIA-RS-232C line receiver
■ High common mode noise line receiver
■ µP bus isolation
■ Current loop receiver
Description
The HCPL0700, HCPL0701, HCPL0730 and HCPL0731
optocouplers consist of an AlGaAs LED optically coupled
to a high gain split darlington photodetector housed in a
compact 8-pin small outline package. The HCPL0730
and HCPL0731 devices have two channels per package
for optimum mounting density.
The split darlington configuration separating the input
photodiode and the first stage gain from the output tran-
sistor permits lower output saturation voltage and higher
speed operation than possible with conventional darling-
ton phototransistor optocoupler.
The combination of a very low input current of 0.5mA
and a high current transfer ratio of 2000% makes this
family particularly useful for input interface to MOS,
CMOS, LSTTL and EIA RS232C, while output compati-
bility is ensured to CMOS as well as high fan-out TTL
requirements.
Schematics
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
HCPL0700 / HCPL0701
N/C
N/C
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
HCPL0730 / HCPL0731
V
F2
_
+
Truth Table
LED
VO
ON
LOW
OFF
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com