Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC161S626 Datasheet (PDF) - Texas Instruments

ADC161S626 Datasheet PDF - Texas Instruments
Part # ADC161S626
Download  ADC161S626 Download
File Size   1064.82 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC161S626 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC

ADC161S626 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC161S626 Datasheet PDF - Texas Instruments

Part # ADC161S626
Download  ADC161S626 Click to download

File Size   1064.82 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC161S626 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC

ADC161S626 Datasheet (HTML) - Texas Instruments


ADC161S626 Product details

1 Features
1• 16-bit Resolution With No Missing Codes
• Ensured Performance from 50 to 250 kSPS
• ±0.003% Signal Span Accuracy
• Separate Digital Input/Output Supply
• True Differential Input
• External Voltage Reference Range of 0.5 V to VA
• Zero-Power Track Mode with 0-μsec Wake-up
Delay
• Wide Input Common-mode Voltage Range of 0 V
to VA
• SPI/QSPI™/MICROWIRE™ Compatible Serial
Interface
• Operating Temperature Range of −40°C to +85°C
• Small VSSOP-10 Package
• Key Specifications
– Conversion Rate 50 to 250 kSPS
– DNL +0.8 / −0.5 LSB
– INL ±0.8 LSB
– Offset Error Temp Drift 2.5 μV/°C
– Gain Error Temp Drift 0.3 ppm/°C
– SNR 93.2 dBc
– THD − 104 dBc
– Power Consumption
– 10 kSPS, 5 V 0.24 mW
– 200 kSPS, 5 V 5.3 mW
– 250 kSPS, 5 V 5.8 mW
– Power-Down, 5 V 10 μW

2 Applications
• Direct Sensor Interface
• I/O Modules
• Data Acquisition
• Portable Systems
• Motor Control
• Medical Instruments
• Instrumentation and Control Systems

3 Description
The ADC161S626 is a 16-bit successive-
approximation register (SAR) Analog-to-Digital converter (ADC) with a maximum sampling rate of
250 kSPS. The ADC161S626 has a minimum signal
span accuracy of ±0.003% over the temperate range
of −40°C to +85°C. The converter features a differential analog input with an excellent common-
mode signal rejection ratio of 85 dB, making the
ADC161S626 suitable for noisy environments.
The ADC161S626 operates with a single analog
supply (VA) and a separate digital input/output (VIO)
supply. VA can range from 4.5 V to 5.5 V and VIO can
range from 2.7 V to 5.5 V. This allows a system
designer to maximize performance and minimize
power consumption by operating the analog portion of
the ADC at a VA of 5 V while interfacing with a 3.3-V
controller. The serial data output is binary 2's
complement and is SPI compatible.
The performance of the ADC161S626 is ensured
over temperature at clock rates of 1 MHz to 5 MHz
and reference voltages of 2.5 V to 5.5 V. The ADC161S626 is available in a small 10-lead VSSOP
package. The high accuracy, differential input, low
power consumption, and small size make the
ADC161S626 ideal for direct connection to bridge sensors and transducers in battery operated systems
or remote data acquisition applications.




Similar Part No. - ADC161S626

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626 Datasheet
550Kb / 22P
16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 NSC-ADC161S626 Datasheet
592Kb / 22P
16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Texas Instruments
ADC161S626 TI1-ADC161S626 Datasheet
1Mb / 30P
ADC161S626 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 TI1-ADC161S626 Datasheet
1Mb / 33P
16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
National Semiconductor ...
ADC161S626CIMM NSC-ADC161S626CIMM Datasheet
550Kb / 22P
16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
More results


Similar Description - ADC161S626

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626 Datasheet
550Kb / 22P
16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 NSC-ADC161S626_09 Datasheet
592Kb / 22P
16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Texas Instruments
SM73201 TI1-SM73201 Datasheet
486Kb / 21P
16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Analog Devices
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
16-Bit, 250 kSPS CMOS ADC
REV. B
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
logo
Texas Instruments
ADC161S626 TI1-ADC161S626_14 Datasheet
1Mb / 30P
ADC161S626 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 TI1-ADC161S626 Datasheet
1Mb / 33P
16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
SM73201 TI1-SM73201_13 Datasheet
1Mb / 28P
SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Analog Devices
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
23-Feb-2017
AD7663 AD-AD7663 Datasheet
477Kb / 25P
16-Bit, 250 kSPS CMOS ADC
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com