Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1000 Datasheet (PDF) - Texas Instruments

ADS1000 Datasheet PDF - Texas Instruments
Part # ADS1000
Download  ADS1000 Download
File Size   1008.62 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C™ INTERFACE

ADS1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1000 Datasheet PDF - Texas Instruments

Part # ADS1000
Download  ADS1000 Click to download

File Size   1008.62 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C™ INTERFACE

ADS1000 Datasheet (HTML) - Texas Instruments


ADS1000 Product details

1FEATURES
23· Complete 12-Bit Data Acquisition System in
a Tiny SOT-23 Package
· Low Current Consumption: Only 90μA
· Integral Nonlinearity: 1LSB Max
· Single-Cycle Conversion
· Programmable Gain Amplifier
Gain = 1, 2, 4, or 8
· 128SPS Data Rate
· I2C Interface with Two Available Addresses
· Power Supply: 2.7V to 5.5V
· Pin- and Software-Compatible with 16-Bit
ADS1100

APPLICATIONS
· Voltage Monitors
· Battery Management
· Industrial Process Control
· Consumer Goods
· Temperature Measurement

DESCRIPTION
The ADS1000 is an I2C-compatible serial interface
Analog-to-Digital (A/D) converter with differential
inputs and 12 bits of resolution in a tiny SOT23-6
package. Conversions are performed ratiometrically, using the power supply as the reference voltage. The
ADS1000 operates from a single power supply
ranging from 2.7V to 5.5V.
The ADS1000 performs conversions at a rate of 128
samples per second (SPS). The onboard
programmable gain amplifier (PGA), which offers
gains of up to 8, allows smaller signals to be measured with high resolution. In single-conversion
mode, the ADS1000 automatically powers down after
a conversion, greatly reducing current consumption
during idle periods.
The ADS1000 is designed for applications where
space and power consumption are major
considerations. Typical applications include portable
instrumentation, consumer goods, and voltage
monitoring.




Similar Part No. - ADS1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000 TI1-ADS1000 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Power Semiconductors
ADS1000 POSEICO-ADS1000 Datasheet
153Kb / 4P
RECTIFIER DIODES MODULE
logo
Texas Instruments
ADS1000 TI2-ADS1000 Datasheet
1Mb / 27P
ADS1000-Q1 Automotive, Low-Power, 1-Channel, 128-SPS, 12-Bit, Delta-Sigma ADC With I2C Interface
REVISED JUNE 2023
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
More results


Similar Description - ADS1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com