Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1000 Datasheet (PDF) - Texas Instruments

ADS1000 Datasheet PDF - Texas Instruments
Part # ADS1000
Download  ADS1000 Download
File Size   1062.28 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1000-Q1 Automotive, Low-Power, 1-Channel, 128-SPS, 12-Bit, Delta-Sigma ADC With I2C Interface

ADS1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1000 Datasheet PDF - Texas Instruments

Part # ADS1000
Download  ADS1000 Click to download

File Size   1062.28 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1000-Q1 Automotive, Low-Power, 1-Channel, 128-SPS, 12-Bit, Delta-Sigma ADC With I2C Interface

ADS1000 Datasheet (HTML) - Texas Instruments


ADS1000 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Complete 12-bit data acquisition system in a tiny
SOT-23 package
• Low current consumption: Only 90 μA
• Integral nonlinearity: 1 LSB max
• Single-cycle conversion
• Programmable gain amplifier:
– Gain = 1, 2, 4, or 8
• Data rate: 128 SPS
• I2C interface with two available addresses
• Power supply: 2.7 V to 5.5 V

2 Applications
• Automotive head units
• Automotive battery management systems (BMS)
• Automotive onboard chargers
• HEV/EV inverters
• Gas sensors:
– NOx sensors
– Soot and particulate matter (PM) sensors
– Oxygen (O2, lambda, A/F) sensors
– Ammonia (NH3) sensors
– Other emissions and gas sensors

3 Description
The ADS1000-Q1 is an I2C-compatible serial interface
analog-to-digital (A/D) converter with differential
inputs and 12 bits of resolution in a tiny SOT23-6
package. Conversions are performed ratiometrically,
using the power supply as the reference voltage. The
ADS1000-Q1 operates from a single power supply
ranging from 2.7 V to 5.5 V.
The ADS1000-Q1 performs conversions at a rate
of 128 samples per second (SPS). The onboard
programmable gain amplifier (PGA), which offers
gains of up to 8, allows smaller signals to be
measured with high resolution. In single-conversion
mode, the ADS1000-Q1 automatically powers
down after a conversion, greatly reducing current
consumption during idle periods.
The ADS1000-Q1 is designed for applications
where space and power consumption are major
considerations. Typical applications include head
units, battery management systems, onboard
chargers, and emissions and gas sensors.




Similar Part No. - ADS1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000 TI1-ADS1000 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Power Semiconductors
ADS1000 POSEICO-ADS1000 Datasheet
153Kb / 4P
RECTIFIER DIODES MODULE
logo
Texas Instruments
ADS1000 TI2-ADS1000 Datasheet
1,008Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C™ INTERFACE
REVISED OCTOBER 2007
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
More results


Similar Description - ADS1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
logo
Texas Instruments
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7170 AD-AD7170_17 Datasheet
370Kb / 15P
12-Bit Low Power Sigma-Delta ADC
23-Feb-2017
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
logo
Texas Instruments
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS1235-Q1 TI1-ADS1235-Q1 Datasheet
1Mb / 75P
ADS1235-Q1 Automotive Precision, 3-Channel, Differential-Input, 7200-SPS, 24-Bit Delta-Sigma ADC for Bridge Sensors
logo
Maxim Integrated Produc...
MAX11259 MAXIM-MAX11259 Datasheet
1Mb / 51P
24-Bit, 6-Channel, 16ksps, 6.2nV/?숰z PGA, Delta-Sigma ADC with I2C Interface
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com