Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1210 Datasheet (PDF) - Texas Instruments

ADS1210 Datasheet PDF - Texas Instruments
Part # ADS1210
Download  ADS1210 Download
File Size   1064.7 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit ANALOG-TO-DIGITAL CONVERTER

ADS1210 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1210 Datasheet PDF - Texas Instruments

Part # ADS1210
Download  ADS1210 Click to download

File Size   1064.7 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit ANALOG-TO-DIGITAL CONVERTER

ADS1210 Datasheet (HTML) - Texas Instruments


ADS1210 Product details

FEATURES
DELTA-SIGMA A/D CONVERTER
23 BITS EFFECTIVE RESOLUTION AT 10Hz
AND 20 BITS AT 1000Hz
DIFFERENTIAL INPUTS
PROGRAMMABLE GAIN AMPLIFIER
FLEXIBLE SPI™-COMPATIBLE SSI
INTERFACE WITH 2-WIRE MODE
PROGRAMMABLE CUT-OFF FREQUENCY
UP TO 15.6kHz
INTERNAL/EXTERNAL REFERENCE
ON-CHIP SELF-CALIBRATION
ADS1211 INCLUDES 4-CHANNEL MUX

APPLICATIONS
INDUSTRIAL PROCESS CONTROL
INSTRUMENTATION
BLOOD ANALYSIS
SMART TRANSMITTERS
PORTABLE INSTRUMENTS
WEIGH SCALES
PRESSURE TRANSDUCERS

DESCRIPTION
The ADS1210 and ADS1211 are precision, wide dynamic
range, delta-sigma Analog-to-Digital (A/D) converters with
24-bit resolution operating from a single +5V supply. The
differential inputs are ideal for direct connection to transducers
or low-level voltage signals. The delta-sigma architecture
is used for wide dynamic range and to ensure 22 bits
of no-missing-code performance. An effective resolution of
23 bits is achieved through the use of a very low-noise input
amplifier at conversion rates up to 10Hz. Effective resolutions
of 20 bits can be maintained up to a sample rate of
1kHz through the use of the unique Turbo modulator mode
of operation. The dynamic range of the converters is further
increased by providing a low-noise programmable gain
amplifier with a gain range of 1 to 16 in binary steps.
The ADS1210 and ADS1211 are designed for high resolution
measurement applications in smart transmitters, industrial
process control, weigh scales, chromatography, and portable
instrumentation. Both converters include a flexible synchronous
serial interface that is SPI-compatible and also offers a
two-wire control mode for low cost isolation.
The ADS1210 is a single-channel converter and is offered in
both 18-pin DIP and 18-lead SOIC packages. The ADS1211
includes a 4-channel input multiplexer and is available in 24-
pin DIP, 24-lead SOIC, and 28-lead SSOP packages.




Similar Part No. - ADS1210

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210 Datasheet
1Mb / 51P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210 Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210P BURR-BROWN-ADS1210P Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210P TI1-ADS1210P Datasheet
1Mb / 51P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS1210

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com