Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4029B Datasheet (PDF) - Texas Instruments

CD4029B Datasheet PDF - Texas Instruments
Part # CD4029B
Download  CD4029B Download
File Size   1022.21 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Presettable Up/Down Counter

CD4029B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4029B Datasheet PDF - Texas Instruments

Part # CD4029B
Download  CD4029B Click to download

File Size   1022.21 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Presettable Up/Down Counter

CD4029B Datasheet (HTML) - Texas Instruments


CD4029B Product details

Features:
® Medium-speed operation . . . 8 MHz (typ.)
@Cy_ = 50 pF and Vpp—Vgg = 10 V
# Multi-package parallel clocking for synchronous
high speed output response or ripple clocking
for slow clock input rise and fall times
= “Preset Enable” and individual “Jam” inputs provided
® Binary or decade up/down counting
= BCD outputs in decade mode
® 100% tested for quiescent current at 20 V
® 5.V, 10-V, and 15-V parametric ratings -
® Standardized, symmetrical output charac-
teristics
® Maximum input current of 1 uA at 18 V
over full package-temperature range;
100 nA at 18 V and 26°C
® Noise margin (over full package-tempera-
ture range)
1VatVpp= 6V
2VatVpp=10V
25VatVpp=15V
® Meets all requirements of JEDEC Tentative
Standard No. 138, “Standard Specifications
for Description of ‘B’ Series CMOS Devices"




Similar Part No. - CD4029B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4029B TI-CD4029B Datasheet
302Kb / 7P
CMOS PRESETTABLE UP/DOWN COUNTER
CD4029B TI1-CD4029B Datasheet
1Mb / 18P
CMOS PRESETTABLE UP/DOWN COUNTER
CD4029B-MIL TI1-CD4029B-MIL Datasheet
1Mb / 18P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
More results


Similar Description - CD4029B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
Texas Instruments
CD4029B TI-CD4029B Datasheet
302Kb / 7P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL4029B SLS-SL4029B Datasheet
84Kb / 8P
Presettable Up/Down Counter
SL4516B SLS-SL4516B Datasheet
66Kb / 6P
Presettable Up/Down Counter
logo
Intersil Corporation
CD4029BMS INTERSIL-CD4029BMS Datasheet
124Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
logo
STMicroelectronics
HCF4516B STMICROELECTRONICS-HCF4516B_02 Datasheet
488Kb / 11P
PRESETTABLE BINARY UP/DOWN COUNTER
Sep-2002
HCF4510B STMICROELECTRONICS-HCF4510B_02 Datasheet
484Kb / 11P
PRESETTABLE BCD UP/DOWN COUNTER
Sep-2002
logo
Texas Instruments
CD4029B TI1-CD4029B_15 Datasheet
1Mb / 18P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Renesas Technology Corp
CD4029BMS RENESAS-CD4029BMS Datasheet
436Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com