Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8002 Datasheet (PDF) - List of Unclassifed Manufacturers

8002 Datasheet PDF - List of Unclassifed Manufacturers
Part # 8002
Download  8002 Download
File Size   379.87 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.0 Watt Audio Power Amplifier

8002 Datasheet (PDF)

Go To PDF Page Download Datasheet
8002 Datasheet PDF - List of Unclassifed Manufacturers

Part # 8002
Download  8002 Click to download

File Size   379.87 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.0 Watt Audio Power Amplifier

8002 Datasheet (HTML) - List of Unclassifed Manufacturers


8002 Product details

Features
 Improved PSRR at 217 Hz & 1 KHz 60 dB
 Power output at 5.0V, 10% THD+N, 4Ω 2.0 W (typ.)
 Power output at 5.0V, 1% THD+N, 8Ω 1.5 W (typ.)
 2.2V – 5.5V operation
 Improved circuitry eliminates pop-click noise during turn-on and turn-off transitions
 No output coupling capacitors, snubber networks or bootstrap capacitors required
 Unity-gain stable
 External gain configuration capability
 Packages: SOP8

General Description
The 8002 is a Class-AB audio power amplifier. It is capable of delivering 2.0 watts of
continuous average power to an 4Ω BTL load with less than 10% distortion (THD+N) from a
5VDC power supply, or 1.5 watts continuous average power to an 8 Ω BTL load with less than
1% distortion.
The 8002 is designed specifically to provide high quality output power with a minimal
amount of external components. It does not require output coupling capacitors or bootstrap
capacitors. The 8002 is ideally suited for audio speakers and other low voltage applications.
With special pop-click eliminating circuit, the 8002 provides perfect pop-click characteristic
during turn-on and turn-off transitions.
The 8002 is unity-gain stable and can be configured by external gain-setting resistors.

Applications
 Audio speakers
 Desktop computers
 Low voltage audio systems




Similar Part No. - 8002

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8002 FILTRAN-8002 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
RHOPOINT COMPONENTS
8002 RHOPOINT-8002 Datasheet
66Kb / 2P
DIP Reed Relays
logo
List of Unclassifed Man...
8002 ETC2-8002 Datasheet
629Kb / 17P
Portable computers
logo
INCOME TECHNOLOGY
8002 INCOME-8002 Datasheet
602Kb / 14P
Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)
logo
VECTOR ELECTRONICS AND ...
8002 VECTOR-8002 Datasheet
277Kb / 4P
Prototyping Boards (Circbord®)
More results


Similar Description - 8002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2002 NSC-LM2002 Datasheet
131Kb / 4P
8 Watt Audio Power Amplifier
logo
EIC discrete Semiconduc...
ECP200 EIC-ECP200 Datasheet
86Kb / 5P
2.0 WATT POWER AMPLIFIER
logo
National Semiconductor ...
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
1 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891_12 Datasheet
578Kb / 12P
2.0 Watt Audio Power Amplifier
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
2.7 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891_17 Datasheet
415Kb / 11P
2.0 Watt Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com