Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8002 Datasheet (PDF) - INCOME TECHNOLOGY

8002 Datasheet PDF - INCOME TECHNOLOGY
Part # 8002
Download  8002 Download
File Size   602.84 Kbytes
Page   14 Pages
Manufacturer  INCOME [INCOME TECHNOLOGY]
Direct Link  
Logo INCOME - INCOME TECHNOLOGY
Description Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)

8002 Datasheet (PDF)

Go To PDF Page Download Datasheet
8002 Datasheet PDF - INCOME TECHNOLOGY

Part # 8002
Download  8002 Click to download

File Size   602.84 Kbytes
Page   14 Pages
Manufacturer  INCOME [INCOME TECHNOLOGY]
Direct Link  
Logo INCOME - INCOME TECHNOLOGY
Description Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)

8002 Datasheet (HTML) - INCOME TECHNOLOGY


8002 Product details

General Description
The 8002 is an audio power amplifier primarily designed for demanding applications in low-power portable
systems. It is capable of delivering 3 watts of continuous average power to an 3Ω BTL load with less than 10%
distortion (THD) from a 5VDC power supply. the 8002 does not require output coupling capacitors or bootstrap
capacitors, and therefore is ideally suited for mobile phone and other low voltage applications where minimal power
consumption is a primary requirement.the 8002 features a low-power consumption shutdown mode.the 8002 contains
advanced pop & click circuitry which eliminates noise which would otherwise occur during turn-on and turn-off
transitions. The 8002 is unity-gain stable and can be configured by external gain-setting resistors

Features
Power Output at 5.0V, 10% THD+N, 3Ω 3W (typ)
Power Output at 5.0V,10% THD+N,4Ω 2.65W (typ)
Power Output at 5.0V,10% THD+N,8Ω 1.8W (typ)
Shutdown Current 0.6µA (typ)
Available in space-saving packages: SOP
Improved pop & click circuitry eliminates noise during turn-on and turn-off transitions
2.20- 5.5V operation
No output coupling capacitors, snubber networks or bootstrap capacitors required
Unity-gain stable
External gain configuration capability

Applications
Portable computers
Desktop computers
Low voltage audio systems




Similar Part No. - 8002

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8002 FILTRAN-8002 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
RHOPOINT COMPONENTS
8002 RHOPOINT-8002 Datasheet
66Kb / 2P
DIP Reed Relays
logo
List of Unclassifed Man...
8002 ETC2-8002 Datasheet
629Kb / 17P
Portable computers
8002 ETC-8002 Datasheet
379Kb / 6P
2.0 Watt Audio Power Amplifier
V1.0
logo
VECTOR ELECTRONICS AND ...
8002 VECTOR-8002 Datasheet
277Kb / 4P
Prototyping Boards (Circbord®)
More results


Similar Description - 8002

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4065 SANYO-STK4065 Datasheet
395Kb / 9P
Car Stereo Use Power Amplifier (25W min, THD = 10%)
logo
Integrated Silicon Solu...
IS31AP2010B ISSI-IS31AP2010B Datasheet
390Kb / 12P
3W@5.0V MONO FILTER-LESS, CLASS-D AUDIO POWER AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2160-00 POWER-LPA2160-00 Datasheet
1Mb / 13P
Po at 10% THD plus N, VIN = 3.7V
logo
MicroPower Direct, LLC
MPL-03SEUP MPD-MPL-03SEUP Datasheet
1Mb / 4P
3W Output Power
MPM-03SMM MPD-MPM-03SMM Datasheet
532Kb / 2P
3W Output Power
MPM-03S MPD-MPM-03S Datasheet
326Kb / 2P
3W Output Power
logo
RICOH electronics devic...
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
April 1, 2012
logo
Integrated Silicon Solu...
IS31AP2010B-UTLS2-TR ISSI-IS31AP2010B-UTLS2-TR Datasheet
366Kb / 13P
3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
HXJ8002 ETC2-HXJ8002 Datasheet
360Kb / 3P
HXJ8002 is a single-channel 3W audio power amplifier with BTL bridge connection. It can operate at 5V voltage, 3廓 load, provide THD<10% and average 3W output power
logo
DIWELL Electronics Co.,...
IRM-03 DIWELL-IRM-03 Datasheet
96Kb / 4P
3W Output Switching Power Supply
2016-07-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com