Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8002 Datasheet(PDF) 3 Page - INCOME TECHNOLOGY

Part # 8002
Description  Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INCOME [INCOME TECHNOLOGY]
Direct Link  
Logo INCOME - INCOME TECHNOLOGY

8002 Datasheet(HTML) 3 Page - INCOME TECHNOLOGY

  8002 Datasheet HTML 1Page - INCOME TECHNOLOGY 8002 Datasheet HTML 2Page - INCOME TECHNOLOGY 8002 Datasheet HTML 3Page - INCOME TECHNOLOGY 8002 Datasheet HTML 4Page - INCOME TECHNOLOGY 8002 Datasheet HTML 5Page - INCOME TECHNOLOGY 8002 Datasheet HTML 6Page - INCOME TECHNOLOGY 8002 Datasheet HTML 7Page - INCOME TECHNOLOGY 8002 Datasheet HTML 8Page - INCOME TECHNOLOGY 8002 Datasheet HTML 9Page - INCOME TECHNOLOGY Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
8002
8002
8002
8002
Page 6 of 17
Pin Configuration
Pin Layout
SOP Package Pin Distribution
Pin Discription
Tabl3. Pin Disnription
Pin NO.
Pin Name
Description
1
SD
The device enters in shutdown mode when a high level is
applied on this pin
2
BYP
Bypass capacitor pin which provides the common mode voltage
3
+IN
Positive input of the first amplifier, receives the common mode voltage
4
-IN
Negative input of the first amplifier, receives the audio input
signal
5
Vo1
Negative output
6
VDD
Analog VDD input supply.
7
GND
Ground connection for circuitry.
8
Vo2
Positive output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com