Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804005 Datasheet (PDF) - PHOENIX CONTACT

0804005 Datasheet PDF - PHOENIX CONTACT
Part # 0804005
Download  0804005 Download
File Size   265.55 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-D/UT/F - Socket

0804005 Datasheet (PDF)

Go To PDF Page Download Datasheet
0804005 Datasheet PDF - PHOENIX CONTACT

Part # 0804005
Download  0804005 Click to download

File Size   265.55 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-D/UT/F - Socket

0804005 Datasheet (HTML) - PHOENIX CONTACT


0804005 Product details

Socket, with fuse 5 x 20 mm, 6.3 A, Type: D, connection method: Screw connection, color: gray,
nom. voltage: 250 V AC (50 Hz), nominal current: 6 A, for mounting on a DIN rail in the service
interface or direct mounting, Country marking: India / Africa




Similar Part No. - 0804005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804000 PHOENIX-0804000 Datasheet
264Kb / 7P
EO-D/UT - Socket
0804001 PHOENIX-0804001 Datasheet
265Kb / 7P
EO-D/UT/GN - Socket
0804003 PHOENIX-0804003 Datasheet
265Kb / 7P
EO-D/UT/LED - Socket
0804004 PHOENIX-0804004 Datasheet
266Kb / 7P
EO-D/UT/LED/GN - Socket
0804006 PHOENIX-0804006 Datasheet
265Kb / 7P
EO-D/UT/F/GN - Socket
More results


Similar Description - 0804005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1584253 PHOENIX-1584253 Datasheet
134Kb / 5P
HC-D 40-A-UT-PEL-F
1584321 PHOENIX-1584321 Datasheet
99Kb / 5P
Terminal adapter - HC-D 64-A-UT-PER-F
1212495 PHOENIX-1212495 Datasheet
77Kb / 3P
MICROFOX-EO
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com