Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804003 Datasheet (PDF) - PHOENIX CONTACT

0804003 Datasheet PDF - PHOENIX CONTACT
Part # 0804003
Download  0804003 Download
File Size   265.8 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-D/UT/LED - Socket

0804003 Datasheet (PDF)

Go To PDF Page Download Datasheet
0804003 Datasheet PDF - PHOENIX CONTACT

Part # 0804003
Download  0804003 Click to download

File Size   265.8 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-D/UT/LED - Socket

0804003 Datasheet (HTML) - PHOENIX CONTACT


0804003 Product details

Socket, with light indicator, Type: D, connection method: Screw connection, color: gray, nom.
voltage: 250 V AC (50 Hz), nominal current: 6 A, for mounting on a DIN rail in the service
interface or direct mounting, Country marking: India / Africa




Similar Part No. - 0804003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804000 PHOENIX-0804000 Datasheet
264Kb / 7P
EO-D/UT - Socket
0804001 PHOENIX-0804001 Datasheet
265Kb / 7P
EO-D/UT/GN - Socket
0804004 PHOENIX-0804004 Datasheet
266Kb / 7P
EO-D/UT/LED/GN - Socket
0804005 PHOENIX-0804005 Datasheet
265Kb / 7P
EO-D/UT/F - Socket
0804006 PHOENIX-0804006 Datasheet
265Kb / 7P
EO-D/UT/F/GN - Socket
More results


Similar Description - 0804003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212495 PHOENIX-1212495 Datasheet
77Kb / 3P
MICROFOX-EO
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
3072816 PHOENIX-3072816 Datasheet
55Kb / 3P
End cover - D-UT 6-T/SP
09/12/2020
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com