Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R16DS0477EU0102 Datasheet (PDF) - Renesas Technology Corp

R16DS0477EU0102 Datasheet PDF - Renesas Technology Corp
Part # R16DS0477EU0102
Download  R16DS0477EU0102 Download
File Size   1605.15 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V, 7.2A Source, 5.3A Sink, High Frequency GaN/MOSFET Single Low-Side Driver

R16DS0477EU0102 Datasheet (PDF)

Go To PDF Page Download Datasheet
R16DS0477EU0102 Datasheet PDF - Renesas Technology Corp

Part # R16DS0477EU0102
Download  R16DS0477EU0102 Click to download

File Size   1605.15 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V, 7.2A Source, 5.3A Sink, High Frequency GaN/MOSFET Single Low-Side Driver

R16DS0477EU0102 Datasheet (HTML) - Renesas Technology Corp


R16DS0477EU0102 Product details

▪ Accepts 3.3V/5V logic level PWM inputs
▪ 7.2A source and 5.3A sink driver for GaN/MOSFET
▪ Separately adjusts turn-on and turn-off speed
▪ Supports positive, negative PWM or EN input logic
▪ Fast propagation delay: 5ns typical delay
▪ 7ns minimum input pulse width
▪ 4ns typical rise and fall time
▪ 5V power supply
▪ VDD undervoltage lockout (UVLO) and
over-temperature protection (OTP)
▪ Small package with low parasitic inductance
supporting up to 30MHz switching frequency
application
▪ Low power consumption
▪ 2mm×2mm SCTDFN package




Similar Part No. - R16DS0477EU0102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R16DS0412EU0101 RENESAS-R16DS0412EU0101 Datasheet
2Mb / 36P
Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 3A LDO
Apr 19, 2024
R16DS0422EU0100 RENESAS-R16DS0422EU0100 Datasheet
3Mb / 36P
Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 4A LDO
Apr 25, 2024
R16DS0426EU0101 RENESAS-R16DS0426EU0101 Datasheet
2Mb / 59P
Bidirectional Buck-Boost Voltage Regulator with SMBus Interface for General 48V and USB PD
May 13, 2025
R16DS0433EU0100 RENESAS-R16DS0433EU0100 Datasheet
1Mb / 34P
Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 3A LDO
Sep 4, 2024
R16DS0434EU0100 RENESAS-R16DS0434EU0100 Datasheet
2Mb / 34P
Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 4A LDO
Sep 17, 2024
More results


Similar Description - R16DS0477EU0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27200-Q1 TI1-UCC27200-Q1_16 Datasheet
1Mb / 34P
High-Frequency High-Side and Low-Side Driver
UCC27201A-DIE TI1-UCC27201A-DIE Datasheet
98Kb / 5P
HIGH FREQUENCY, HIGH-SIDE/LOW-SIDE DRIVER
logo
STMicroelectronics
PM8851 STMICROELECTRONICS-PM8851 Datasheet
422Kb / 14P
1 A low-side gate driver with configurable asymmetric sink/source
October 2014 Rev 1
logo
ON Semiconductor
NCP51530 ONSEMI-NCP51530 Datasheet
784Kb / 25P
High Frequency High and Low Side Driver
March, 2018 ??Rev. P0
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
logo
Texas Instruments
LMG1025-Q1 TI1-LMG1025-Q1 Datasheet
603Kb / 21P
LMG1025-Q1 Automotive Low Side GaN and MOSFET Driver For High Frequency and Narrow Pulse Applications
logo
Rohm
BD2320EFJ-LA ROHM-BD2320EFJ-LA Datasheet
1Mb / 21P
High Frequency High-Side and Low-Side Driver
29.Mar.2022 Rev.002
logo
Renesas Technology Corp
RAA226110 RENESAS-RAA226110 Datasheet
510Kb / 23P
Low-Side GAN FET Driver with Programmable Source Current and Adjustable Overcurrent Protection
Sep.15.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com