Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P16SNM Datasheet (PDF) - Vishay Siliconix

P16SNM Datasheet PDF - Vishay Siliconix
Part # P16SNM
Download  P16SNM Download
File Size   107.44 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Knob Potentiometer with Switch

P16SNM Datasheet (PDF)

Go To PDF Page Download Datasheet
P16SNM Datasheet PDF - Vishay Siliconix

Part # P16SNM
Download  P16SNM Click to download

File Size   107.44 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Knob Potentiometer with Switch

P16SNM Datasheet (HTML) - Vishay Siliconix


P16SNM Product details

FEATURES
• P16S - version for military, professional and
industrial applications (cermet): 1 W at 40 °C
• PA16S - version for professional audio
applications (conductive plastic): 0.5 W at 40 °C
• Compact (integrated)
• Detent and electric cut off at beginning of travel
• Fully sealed and panel sealed
• Metallic or plastic knob options
• Custom knob on request
• Test according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - P16SNM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P16SNM223KAB15 VISHAY-P16SNM223KAB15 Datasheet
101Kb / 5P
Knob Potentiometer With Switch
25-Jul-2022
P16SNM223KFB15 VISHAY-P16SNM223KFB15 Datasheet
101Kb / 5P
Knob Potentiometer With Switch
25-Jul-2022
P16SNM223KLB15 VISHAY-P16SNM223KLB15 Datasheet
101Kb / 5P
Knob Potentiometer With Switch
25-Jul-2022
P16SNM223MAB15 VISHAY-P16SNM223MAB15 Datasheet
101Kb / 5P
Knob Potentiometer With Switch
25-Jul-2022
P16SNM223MFB15 VISHAY-P16SNM223MFB15 Datasheet
101Kb / 5P
Knob Potentiometer With Switch
25-Jul-2022
More results


Similar Description - P16SNM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PA16 VISHAY-PA16 Datasheet
127Kb / 5P
Knob Potentiometer
19-Dec-07
logo
ALPS ELECTRIC CO.,LTD.
RK10J ALPS-RK10J Datasheet
319Kb / 6P
With Knob Type
SRRQ ALPS-SRRQ Datasheet
146Kb / 3P
With Knob Type
logo
Vishay Siliconix
P16NM472MAB15 VISHAY-P16NM472MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
PA16NP103MAB15 VISHAY-PA16NP103MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
P16S VISHAY-P16S Datasheet
106Kb / 5P
Knob Potentiometer with Switch
24-Sep-15
P16 VISHAY-P16 Datasheet
115Kb / 5P
Knob Potentiometer
17-Nov-17
logo
SparkFun Electronics
COM-09806 SPARKFUN-COM-09806 Datasheet
93Kb / 1P
Trimpot 10K with Knob
5??5??7
logo
Vishay Siliconix
P16S VISHAY-P16S_V01 Datasheet
101Kb / 5P
Knob Potentiometer With Switch
25-Jul-2022
P16 VISHAY-P16_V01 Datasheet
245Kb / 7P
Knob Potentiometer
14-Dec-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com