Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P16SNM Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P16SNM
Description  Knob Potentiometer with Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P16SNM Datasheet(HTML) 4 Page - Vishay Siliconix

  P16SNM Datasheet HTML 1Page - Vishay Siliconix P16SNM Datasheet HTML 2Page - Vishay Siliconix P16SNM Datasheet HTML 3Page - Vishay Siliconix P16SNM Datasheet HTML 4Page - Vishay Siliconix P16SNM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P16S, PA16S
www.vishay.com
Vishay Sfernice
Revision: 06-Mar-17
4
Document Number: 51063
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
R
T/RT (%)
R
1-2/R1-2 (%)
OTHER
Electrical endurance
1000 h at rated power
90'/30' cycle at +40 °C
± 5 %
-
Insulation resistance: > 104 M
Contact res. variation: < 2 % Rn
Damp heat, steady state
56 days
40 °C, 93 % HR
± 2 %
± 1 %
Insulation resistance: > 104 M
Mechanical endurance
50 000 cycles
± 5 %
-
Contact res. variation: < 2 % Rn
Shock
50 g‘s at 11 ms
3 successive shocks
in 3 dimensions
± 0.2 %
± 0.5 %
-
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g‘s
during 6 h
± 0.2 %
-
V
1-2/V1-3  ± 0.5 %
ORDERING INFORMATION
P
1
6
S
N
P
223
M
A
B
1
5
MODEL
STYLE
OHMIC
VALUE
TOLERANCE
TAPER
PACKAGING
CODE
SPECIAL
NUMBER
P16S =
cermet
PA16S =
conductive
plastic
NM: metallic black
NP: plastic black
WM: metallic white
WP: plastic white
BP: plastic blue
223 = 22 k
for ohmic value
range see
electrical
specification
M = ± 20 %
On request:
K = ± 10 %
A: linear
L: clockwise logarithmic
F: inverse clockwise
logarithmic
B15 =
Box of
20 pieces
(If applicable)
Given by
Vishay
for custom
design
PART NUMBER DESCRIPTION (for information only)
P16S
NP
22 k
20 %
A
BO20
e3
MODEL
STYLE
OHMIC
VALUE
TOLERANCE
TAPER
SPECIAL
PACKAGING
SPECIAL
LEAD
(Pb)-FREE
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com