Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1541DJ Datasheet (PDF) - Monolithic Power Systems

MP1541DJ Datasheet PDF - Monolithic Power Systems
Part # MP1541DJ
Download  MP1541DJ Download
File Size   260.95 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.3MHz Boost Converter

MP1541DJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1541DJ Datasheet PDF - Monolithic Power Systems

Part # MP1541DJ
Download  MP1541DJ Click to download

File Size   260.95 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.3MHz Boost Converter

MP1541DJ Datasheet (HTML) - Monolithic Power Systems


MP1541DJ Product details

DESCRIPTION
The MP1541 is a current mode step up converter intended for small, low power applications. The MP1541 switches at 1.3MHz and allows the use of tiny, low cost capacitors and inductors 2mm or less in height. Internal soft start results in small inrush current and extends battery life. The MP1541 operates from an input voltage as low as 2.5V and can generate 12V at up to 300mA from a 5V supply.
The MP1541 includes under-voltage lockout, current limiting, and thermal overload protection to prevent damage in the event of an output overload. The MP1541 is available in a small 5-pin TSOT23 package or QFN-8 (2mmX2mm) package.

FEATURES
 On Board Power MOSFET
 Uses Tiny Capacitors and Inductors
 1.3MHz Fixed Switching Frequency
 Internally Compensated
 Internal Soft-Start
 Operates with Input Voltage as Low as 2.5V and Output Voltage as High as 22V
 12V at 300mA from 5V Input
 UVLO, Thermal Shutdown
 Internal Current Limit
 Available in a TSOT23-5 Package or QFN-8 (2mmX2mm) Package

APPLICATIONS
 Camera Phone Flash
 Handheld Computers and PDAs
 Digital Still and Video Cameras
 External Modems
 Small LCD Displays
 White LED Driver




Similar Part No. - MP1541DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1541DJ MPS-MP1541DJ Datasheet
209Kb / 5P
MP1541 TFT Applications Evaluation Board
MP1541DJ MPS-MP1541DJ Datasheet
272Kb / 5P
4 Output DSL Power Supply
MP1541DJ MPS-MP1541DJ Datasheet
246Kb / 8P
1.3MHz Boost Converter
MP1541DJ MPS-MP1541DJ Datasheet
317Kb / 8P
1.3MHz Boost Converter
More results


Similar Description - MP1541DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0077 MPS-EV0077 Datasheet
151Kb / 4P
1.3MHz Low Power Boost Converter
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1541 MPS-MP1541 Datasheet
246Kb / 8P
1.3MHz Boost Converter
MP1542 MPS-MP1542 Datasheet
485Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1541 MPS-MP1541_06 Datasheet
317Kb / 8P
1.3MHz Boost Converter
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV3209DJ-00A MPS-EV3209DJ-00A Datasheet
137Kb / 4P
1.3MHz 350mA Boost Converter Evaluation Board
EV3216DJ-00A MPS-EV3216DJ-00A Datasheet
190Kb / 4P
1.3MHz, 36V Boost Converter Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com