Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS2522RHU Datasheet (PDF) - Texas Instruments

HD3SS2522RHU Datasheet PDF - Texas Instruments
Part # HD3SS2522RHU
Download  HD3SS2522RHU Download
File Size   1075.35 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS2522 USB Type-C SS MUX with DFP Controller

HD3SS2522RHU Datasheet (PDF)

Go To PDF Page Download Datasheet
HD3SS2522RHU Datasheet PDF - Texas Instruments

Part # HD3SS2522RHU
Download  HD3SS2522RHU Click to download

File Size   1075.35 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS2522 USB Type-C SS MUX with DFP Controller

HD3SS2522RHU Datasheet (HTML) - Texas Instruments


HD3SS2522RHU Product details

1 Features
1• Compliant to USB Type-C Specification 1.1
• Mode Configuration
– Host Only – DFP
• Channel Configuration (CC)
– Attach of USB Port Detection
– Cable Orientation Detection
– Type-C Current Mode (Default, Mid, High)
• Supply Voltage 3.3 V ± 10%
• 2:1 Mux Solution for USB 3.1 Signaling
• Operates up to 10 Gbps with Wide -3 dB BW of 8
GHz
• Excellent Dynamic Characteristics at 2.5 GHz
– Crosstalk = –39 dB
– Off Isolation = –22 dB
– Insertion Loss = –1.2 dB
– Input Return Loss = –12 dB
• Low Active (2 mW) and Standby Power (50 μW)
Consumption

2 Applications
• Desktop and Notebook PCs
• USB Type-C DFP Applications
• Motherboards

3 Description
HD3SS2522 is a 2:1 USB mux with Configuration
Channel (CC) logic with Downstream Facing Port (DFP) support. The HD3SS2522 presents itself as a
DFP according to the USB Type-C Spec. The CC
logic block monitors the CC1 and CC2 pins voltages
to determine when a USB port has been attached. Once a USB port has been attached, the CC logic
also determines the orientation of the cable and
configures the USB SS mux accordingly.
The HD3SS2522 provides an VBUS_EN signal to
control legacy power switch to provide 5 V to VBUS.
The device also provides control signals needed to
support 5 V VCONN sourcing for ecosystems implementing USB Type-C.
Excellent dynamic characteristics of the device allow high speed switching with minimum attenuation to the
signal eye diagram and little added jitter. The device
also has low current consumption in Standby mode.




Similar Part No. - HD3SS2522RHU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS2522RHU TI1-HD3SS2522RHU Datasheet
1Mb / 25P
USB Type-C SS MUX
HD3SS2522RHUR TI1-HD3SS2522RHUR Datasheet
1Mb / 25P
USB Type-C SS MUX
More results


Similar Description - HD3SS2522RHU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
TPS25810 TI1-TPS25810_15 Datasheet
1Mb / 36P
TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
HD3SS2522 TI1-HD3SS2522 Datasheet
1Mb / 25P
USB Type-C SS MUX
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
USB Type-C DFP Controller and Power Switch With Load Detection
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
USB Type-C DFP Port Controller
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
logo
Shenzhen Huazhimei Semi...
HM1501 HMSEMI-HM1501 Datasheet
494Kb / 7P
USB Type-C DFP Controller IC Without/with Internal PMOS
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com