Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA253A1IPWR Datasheet (PDF) - Texas Instruments

INA253A1IPWR Datasheet PDF - Texas Instruments
Part # INA253A1IPWR
Download  INA253A1IPWR Download
File Size   1060.1 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor

INA253A1IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
INA253A1IPWR Datasheet PDF - Texas Instruments

Part # INA253A1IPWR
Download  INA253A1IPWR Click to download

File Size   1060.1 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor

INA253A1IPWR Datasheet (HTML) - Texas Instruments


INA253A1IPWR Product details

1 Features
1• Precision Integrated Shunt Resistor
– Shunt Resistor: 2 mΩ
– Shunt Inductance: 3 nH
– Shunt Resistor Tolerance: 0.1% (Max)
– ±15 A Continuous from –40°C to +85°C
– 0°C to 125°C Temperature Coefficient:
10 ppm/°C
• High Bandwidth: 350 kHz
• Enhanced PWM rejection
• Excellent CMRR
– > 120-dB DC CMRR
– 90-dB AC CMRR at 50 kHz
• Accuracy:
– Gain:
– Gain Error: 0.4% (Max)
– Gain Drift: 45 ppm/°C (Max)
– Offset:
– Offset Current: ±15 mA (Max)
– Offset Drift: 125 μA/°C (Max)
• Wide Common-Mode Range: –4 V to +80 V
• Available Gains: 100 mV/A, 200 mV/A,
and 400 mV/A
• Quiescent Current: 2.4 mA (Max)

2 Applications
• Solenoid and Valve Controls
• Transmission control
• Motor Controls
• Actuator Controls
• DC/DC Converters
• Remote I/O Link Control

3 Description
The INA253 is a voltage-output, current sense
amplifier with an integrated shunt resistor of 2 mΩ.
The INA253 is designed to monitor bidirectional
currents over a wide common-mode range from
–4 V to +80 V, independent of the supply voltage.
Three fixed gains are available: 100 mV/A, 200 mV/A,
and 400 mV/A. The integration of the precision
resistor with a zero-drift chopped amplifier provides
calibration equivalent measurement accuracy, ultralow
temperature drift performance of 15 ppm/°C, and
an optimized Kelvin layout for the sensing resistor.
The INA253 is designed with enhanced PWM
rejection circuitry to suppress large (dv/dt) signals
that enable real-time continuous current
measurements. The measurements are critical for inline
current measurements in a motor-drive
application, and for solenoid valve control
applications.
This device operates from a single 2.7-V to 5.5-V
power supply, drawing a maximum of 3 mA of supply
current. All gain versions are specified over the
extended operating temperature range (–40°C to
+125°C), and are available in a 20-pin TSSOP
package.




Similar Part No. - INA253A1IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA253A1IPWR TI1-INA253A1IPWR Datasheet
1Mb / 34P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA253A1IPWR TI2-INA253A1IPWR Datasheet
1Mb / 36P
INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
REVISED DECEMBER 2018
INA253A1IPWR.A TI2-INA253A1IPWR.A Datasheet
1Mb / 36P
INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
REVISED DECEMBER 2018
More results


Similar Description - INA253A1IPWR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 32P
INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 33P
INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA253 TI1-INA253 Datasheet
639Kb / 24P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
INA253 TI1-INA253_18 Datasheet
1Mb / 34P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA254 TI-INA254 Datasheet
950Kb / 21P
INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
INA254 TI-INA254_V01 Datasheet
1Mb / 30P
INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
REVISED MARCH 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com