Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM231 Datasheet (PDF) - Texas Instruments

LM231 Datasheet PDF - Texas Instruments
Part # LM231
Download  LM231 Download
File Size   1021.13 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMx31x Precision Voltage-to-Frequency Converters

LM231 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM231 Datasheet PDF - Texas Instruments

Part # LM231
Download  LM231 Click to download

File Size   1021.13 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMx31x Precision Voltage-to-Frequency Converters

LM231 Datasheet (HTML) - Texas Instruments


LM231 Product details

1 Features
1• Ensured Linearity 0.01% Maximum
• Improved Performance in Existing Voltage-to-
Frequency Conversion Applications
• Split or Single-Supply Operation
• Operates on Single 5-V Supply voltage•
Pulse Output Compatible With All Logic Forms
• Excellent Temperature Stability: ±50 ppm/°C
Maximum
• Low Power Consumption: 15 mW Typical at 5 V
• Wide Dynamic Range, 100 dB Minimum at 10-kHz
Full Scale Frequency
• Wide Range of Full Scale Frequency:
1 Hz to 100 kHz
• Low-Cost

2 Applications
• Voltage to Frequency Conversions
• Frequency to Voltage Conversions
• Remote-Sensor Monitoring
• Tachometers

3 Description
The LMx31 family of voltage-to-frequency converters
are ideally suited for use in simple low-cost circuits for analog-to-digital conversion, precision frequency-
to-voltage conversion, long-term integration, linear
frequency modulation or demodulation, and many
other functions. The output when used as a voltage•
to-frequency converter is a pulse train at a frequency precisely proportional to the applied input voltage.
Thus, it provides all the inherent advantages of the
voltage-to-frequency conversion techniques, and is
easy to apply in all standard voltage-to-frequency
converter applications.




Similar Part No. - LM231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM231 NSC-LM231 Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
LM231 NSC-LM231 Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
Seoul Semiconductor
LM231 SEOUL-LM231 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM231 SEOUL-LM231 Datasheet
360Kb / 13P
CYAN LAMP LED
LM231 SEOUL-LM231 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results


Similar Description - LM231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
Voltage-to-Frequency Converters
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM331N TI-LM331N Datasheet
778Kb / 20P
LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com