Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC02 Datasheet (PDF) - TelCom Semiconductor, Inc

TC02 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC02
Download  TC02 Download
File Size   149.54 Kbytes
Page   7 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS

TC02 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC02 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC02
Download  TC02 Click to download

File Size   149.54 Kbytes
Page   7 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS

TC02 Datasheet (HTML) - TelCom Semiconductor, Inc


TC02 Product details

GENERAL DESCRIPTION
The TC02/03 temperature sensors furnish a linearized output voltage directly proportional to measured tempera ture. The TC03 has a temperature measurement range of – 20°C to +100°C. Its output voltage is directly calibrated in degrees Centigrade (i.e. VOUT = 10mV/°C x Temperature °C). An external pull-down resistor to a negative voltage source is required for temperature measurement below 0°C.
The TC02 has a temperature measurement range of – 20°C to +125°C, and operates with a single supply. It has the same output voltage slope with temperature as the TC03 (10mV/°C). The output voltage range is 300mV at – 20°C to 1,750mV at +125°C.
Small size, low cost and low power operation make the TC02/03 suitable for a wide range of general purpose temperature measurement applications.

FEATURES
■ Linearized Temperature-to-Voltage Converters
■ Direct Centigrade Output Voltage Scaling (TC03)
■ Wide Temperature Measurement
   Range (TC02) ............................... – 20°C to +125°C
■ Excellent Temperature Converter Linearity .. 0.8°C Over Temperature
■ High Temperature Converter Accuracy .......... ±2°C at 25°C Guaranteed
■ Small Packages ................ TO-92-3 and SOT-23B-3

APPLICATIONS
■ Power Supply Thermal Shut-Down
■ Temperature-Controlled Fans
■ Temperature Measurement/Instrumentation
■ Temperature Regulators
■ Consumer Electronics




Similar Part No. - TC02

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0200A TAI-SAW-TC0200A Datasheet
317Kb / 4P
SAW Resonator 622.080 MHz SMD 3.8X3.8 mm
TC0201A TAI-SAW-TC0201A Datasheet
313Kb / 4P
SAW Resonator 433.920 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
TC0201A GOLLEDGE-TC0201A Datasheet
79Kb / 4P
433.920 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0202A TAI-SAW-TC0202A Datasheet
214Kb / 3P
SAW Resonator 315 MHz
TC0203A TAI-SAW-TC0203A Datasheet
246Kb / 3P
SAW Resonator 433.420 MHz TO39
More results


Similar Description - TC02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
TelCom Semiconductor, I...
TC1023 TELCOM-TC1023 Datasheet
134Kb / 6P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
logo
Microchip Technology
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
Precision Temperature-to-Voltage Converter
2002
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
Precision Temperature-to-Voltage Converter
2006
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
High Precision Temperature-to-Voltage Converter
11/29/12
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
Precision Temperature-to-Voltage Converter
04/20/05
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com