Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC02 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC02
Description  PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC02 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC02 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TC02
TC03
PRECISION TEMPERATURE-
TO -VOLTAGE CONVERTERS
PRELIMINARY INFORMATION
TC02/03-04 6/18/97
* Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
ABSOLUTE MAXIMUM RATINGS *
Supply Voltage ............................................................ 15V
Input Voltage, Any Terminal .............. – 1.0 to (VCC +0.3V)
Operating Temperature (TC02) ............. – 20
°C to +125°C
Operating Temperature (TC03) ............. – 20
°C to +100°C
Storage Temperature ............................ – 55
°C to +150°C
Lead Temperature (Soldering, 10 sec)
SOT-23B-3 ..................................................... +260
°C
TO-92-3 .......................................................... +300
°C
ELECTRICAL CHARACTERISTICS : TA = – 20°C to +125°C, VCC = 5V ±5%, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage (TC02)
3.0
—
12
V
VCC
Supply Voltage (TC03)
2.2
—
12
V
IS
Supply Current
Note 1
—
40
60
µA
ISRC
VOUT Output Source Current
—
—
1.0
mA
Accuracy at Room Temperature
TA = 25°C (Note 2)
– 2
± 0.5
+2
°C
Accuracy at Minimum Temperature
TC02: TA = – 20°C– 7
± 0.5
+5
°C
TC03: TA = – 20°C– 7
± 0.5
+5
(Note 2)
Accuracy at Maximum Temperature
TC02: TA = +125°C
– 3
—
+3
°C
TC03: TA = +100°C
– 3
—
+3
(Note 2)
Nonlinearity
Note 3, 4
– 0.8
—
+0.8
°C
Line Regulation
—
80
—
µV/V
AV
Average Slope of Output Voltage
—
10
—
mV/
°C
VOUTMAX
Maximum Output Voltage
TC02: 3.0V
≤ VCC ≤ 12V
TC03: 2.2V
≤ VCC ≤ 12V
——
VCC – 1.2
V
(Note 1)
DETAILED DESCRIPTION
A plot of output voltage versus temperature for both the
TC02 and TC03 appears in Figure 1. The TC03 can be
used with single power supply to measure temperatures
from 0
°C to 100°C. A pull-down resistor (R1 in Figure 2)
must be added from VOUT to the negative power supply for
measuring temperatures less than 0
°C. The value of the
resistor must be chosen to limit the maximum current
pulled from the output to the negative supply to
– 50
µA (i.e. R1 = VSS/50µA).
Notes: 1. VOUT outputs open circuited.
2. Accuracy = Difference between calculated output voltage (10mV/
°C x Device case temperature at specified temperature and power supply)
and measured output voltage expressed in
°C.
3. Nonlinearity = deviation of output voltage versus temperature from the best-fit straight line over the device rated temperature range.
4. Guaranteed by design.
OUTPUT STAGE
Both the TC02 and TC03 have Class A output stages
capable of sourcing 1mA. These devices have a limited
ability to drive heavy capacitive loads. Loads of 50pF (to
ground) can be driven directly. For heavier loads, a 2k
Ω (or
greater) resistor should be placed in series with the output
for decoupling. If the TC02/03 is used in a noisy electrical
environment, a 0.1
µF bypass capacitor from VCC to GND is
recommended.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com