Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC02 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC02
Description  PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC02 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC02 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
TC02
TC03
PRECISION TEMPERATURE-
TO -VOLTAGE CONVERTERS
PRELIMINARY INFORMATION
TC02/03-04 6/18/97
TYPICAL CHARACTERISTICS
Supply Current vs.
Temperature
20
µsec/DIV
VOUT (From Power Initially Applied)
vs. Time (Turn-on Response)
2V/DIV
0V
500mV/DIV
0V
AIR VELOCITY (FPM)
Thermal Time Constant
(Sec) vs. Air Velocity
60
50
40
30
20
10
0
0
400
600
800
1000
200
TEMPERATURE (
°C)
100
80
60
40
20
10
–50
–25
0
25
50
75
100
125
VCC= +5V
Thermal Response
in Still Air vs.Time
TIME (SEC.)
125
100
75
50
25
0
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com